データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SDA5275P データシート(Datasheet) 6 Page - Siemens Semiconductor Group

部品番号. SDA5275P
部品情報  ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
ダウンロード  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo 

 6 page
background image
SDA 5273 / 75
SDA 5273-2 / 75-2
Semiconductor Group
6
1997-09-01
1.1
Pin Definitions and Functions
Pin No.
P-SDIP-52-1
Symbol
Function
1
CLK-IO
System clock input/output
2
TCSQ/FLD
Composite sync output/ field output
3
VS/VCS
Vertical sync input/output
4
HS
Horizontal sync input/output
5
XOUT
20.5-MHz crystal oscillator output
6
XIN
20.5-MHz crystal oscillator input
7
GPO
General purpose output
8
TM
Testpin, leave open or connect to
V
SS
9
CVBS
CVBS-video signal input
10
V
DD1
+ 5 V digital supply
11
V
DDA
+ 5 V analog supply
12
V
SSA1
Analog ground
13
V
DD2
+ 5 V digital supply
14
RES
Chip reset
15
V
DD3
+ 5 V digital supply
16
V
REF
+ 3 V reference voltage input
17
V
DD4
+ 5 V digital supply
18
A8
External DRAM-address
19
A7
External DRAM-address
20
A6
External DRAM-address
21
A5
External DRAM-address
22
A4
External DRAM-address
23
A3
External DRAM-address
24
A2
External DRAM-address
25
A1
External DRAM-address
26
A0
External DRAM-address
27
A9
External DRAM-address
28
A10
External DRAM-address
29
A11
External DRAM-address
30
RASQ
Row address strobe (DRAM)
31
WEQ
Write enable (DRAM)
32
D1
External DRAM-data




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
SDA9270ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA9280ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA525X-2ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA16846ICs for Consumer Electronics 1 2 3 4 5 MoreInfineon Technologies AG
TEA1103Fast charge ICs for NiCd and NiMH batteries 1 2 3 4 5 MoreNXP Semiconductors
MM1422AV Switch for I2C BUS Control 4-input 3-output and Canal Plus Compatible 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MAX8568AComplete Backup-Management ICs for Lithium and NiMH Batteries 1 2 3 4 5 MoreMaxim Integrated Products
SAA4996HMotion Adaptive Colour Plus And Control IC MACPACIC for PALplus 1 2 3 4 5 MoreNXP Semiconductors
MAX3387E3V ±15kV ESD-Protected AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones 1 2 3 4 5 MoreMaxim Integrated Products

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl