データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3018KS データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SI-3018KS
部品情報  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SI-3018KS データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SI-3018KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3018KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
sReference Data
Thermal resistance vs. Copper area
Power dissipation vs. Copper area
sExample of Solder Pattern Design
Symbol
Dimensions (mm)
e1
5.72
e
1.27
±0.15
α
0.2
β1
0.2 to 0.5
β2
0.2
L
0.6
b2
0.76
l2
L+
β1+β2
*1 The inner frame stage on which a monolithic IC is mounted is
directly connected to the GND pins (pins 5 through 8). By
expanding the area of the copper connected to the GND pins,
the heat radiation can be improved. It is recommended to
design the solder pattern by opening the insulation film of the
solder patterns of pins 5, 6, 7, and 8, on the wide GND
pattern as shown in Figure 1.
(Reference value conforming to EIAJ
Standard ED-7402-1)
• Calculating junction temperature
Measure the temperature TL of the lead of the GND pin (pin 7) by using a thermocouple, and substitute the
measured value into the following expression to calculate the junction temperature.
Tj=PD
× θj–L + TL
(
θj–L = 22°C/W)
qSI-3000KS Series
L
e
L
L
α
B1
B2
e
e1
b
e
ee
e
e1
l2
b2
*1
Figure 1
ee
e
8
GND pattern
1
7
2
6
3
5
b2
e1
l2
4
Copper area (mm2)
10
100
140
120
100
80
60
40
1000
Area of PC board : 40
×40mm
Copper area (mm2)
10
100
1.2
1
0.8
0.6
0.4
0.2
0
1000
Tj=100
°C Area of PC board : 40×40mm
Ta=25
°C
Ta=50
°C
Ta=80
°C


同様の部品番号 - SI-3018KS

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3018KM-TL ALLEGRO-SI-3018KM-TL Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
More results

同様の説明 - SI-3018KS

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com