データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RZ1065 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 RZ1065
部品情報  Avalanche Diodes with built-in Thyristor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

RZ1065 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  RZ1065 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
Part Number
VZ
(V)
VRDC
(V)
(–10
°C)
ITSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
IR
(
µA)
IR (H)
(
µA)
VR =VRDC
max
VR =VRDC
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
Mass
(g)
(V/
°C)
typ
RZ1030
RZ1040
RZ1055
RZ1065
RZ1100
RZ1125
EZ0150
RZ1150
RZ1155
RZ1175
RZ1200
RZ1235
RZ1250
10
10
10
10
10
10
10
10
10
10
10
10
10
0.03
0.05
0.07
0.08
0.10
0.14
0.18
0.18
0.18
0.22
0.30
0.30
0.30
103
104
103
103
104
0.44
0.44
0.44
0.44
0.44
0.44
0.2
0.44
0.44
0.44
0.44
0.44
0.44
30
30
30
30
30
30
30
30
30
30
30
30
30
27 to 33
34 to 40
50 to 60
60 to 70
90 to 110
115 to 135
140 to 160
150 to 165
165 to 185
185 to 215
220 to 250
235 to 265
20
28
40
50
80
105
125
125
138.7
150
180
179.5
190
50
50
50
50
50
50
50
50
50
50
50
50
50
100
100
100
100
100
100
100
100
100
100
100
100
100
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
–10 to +125
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
4.0±0.2
0.78±0.05
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
Avalanche Diodes with built-in Thyristor
Fig.
No.
Equivalent circuit diagram


同様の部品番号 - RZ1065

メーカー部品番号データシート部品情報
logo
Sanken electric
RZ1065 SANKEN-RZ1065 Datasheet
19Kb / 2P
   Avalanche Diodes with built-in Thyristor
logo
List of Unclassifed Man...
RZ1065 ETC-RZ1065 Datasheet
27Kb / 1P
   Avalanche Diodes with built-in Thyristor
More results

同様の説明 - RZ1065

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RZ1155 ETC-RZ1155 Datasheet
27Kb / 1P
   Avalanche Diodes with built-in Thyristor
logo
Sanken electric
RZ1030 SANKEN-RZ1030 Datasheet
19Kb / 2P
   Avalanche Diodes with built-in Thyristor
TFD312S SANKEN-TFD312S Datasheet
53Kb / 2P
   TO-220F 3A Thyristor with built-in Avalanche diode
STA413A SANKEN-STA413A_06 Datasheet
34Kb / 1P
   NPN With built-in avalanche diode
SDC06 SANKEN-SDC06_01 Datasheet
31Kb / 1P
   NPN With built-in avalanche diode
SDC06 SANKEN-SDC06 Datasheet
18Kb / 1P
   NPN With built-in avalanche diode
STA413A SANKEN-STA413A Datasheet
20Kb / 1P
   NPN With built-in avalanche diode
STA413A SANKEN-STA413A Datasheet
34Kb / 1P
   NPN With built-in avalanche diode
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com