データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS7000-CQT データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 GS7000-CQT
部品情報  Serial Digital Video Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

GS7000-CQT データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GS7000-CQT Datasheet HTML 4Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 5Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 6Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 7Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 8Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 9Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 10Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 11Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
522 - 06 - 02
8
Fig. 12 Output Return Loss
Fig. 14 Serial Data Output
Fig. 16 Output Impedance
Fig. 13 Loop Bandwidth
Fig. 15 Input Impedance
Fig. 17 Power vs. Temperature
0.05
1
FREQUENCY (GHz)
135MHz
270MHz
0
-10
-20
-30
-40
-50
54MHz
1.97GHz
270MHz
540MHz
-J0.5
J0.5
-J1
J1
-J2
J2
Impedances
normalized
to 50
9
FREQUENCY (Hz)
1k
10k
100k
1M
10M
0
-3
-6
600kHz
54MHz
1.97GHz
270MHz
540MHz
-J0.5
J0.5
-J1
J1
-J2
J2
Impedances
normalized
to 50
9
0
10
20
30
40
50
60
70
80
90
800
700
600
500
400
300
200
100
0
TEMPERATURE (˚C)
Tx
Rx


同様の部品番号 - GS7000-CQT

メーカー部品番号データシート部品情報
logo
SHOUDING Shouding Semic...
GS7001-84 SHOUDING-GS7001-84 Datasheet
1Mb / 10P
   High Accuracy Lin ear Li-Lo n Batte ry Cha rger
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS7005-CQT GENNUM-GS7005-CQT Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS7005-CTT GENNUM-GS7005-CTT Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
More results

同様の説明 - GS7000-CQT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
logo
Faraday Technology
VS400M FARADAY-VS400M Datasheet
39Kb / 2P
   SERIAL DIGITAL VIDEO PASSIVE SIGNAL SPLITTER
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com