データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3C3995-24 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE3C3995-24
部品情報  Snap-On MMBX Plug to TNC Female Bulkhead Cable 24 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3995-24 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3995-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3995-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3995-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3995-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: Snap-On MMBX Plug
• Connector 2: TNC Female Bulkhead
• Cable Type: RG178
Features
• Max. Operating Frequency of 3 GHz
• Snap-On mating
Applications
• General Purpose Test
• PCB Probing
• PCB Testing
• PCB-to-Panel
.
Description
Pasternack’s MMBX cable assemblies are part of our full line of RF components available for same-day shipping. These
MMBX cable assemblies are designed to connect MMBX system components or test connections, delivering signal frequen-
cies as high as 3 GHz. Our family of MMBX cables can also be used to connect from PCB to panel, offering between series
MMBX options with SMA Bulkhead, TNC Bulkhead and N Bulkhead assembly configurations. If none of our standard options
fit your application, you can specify your own custom MMBX cable assembly using Pasternack’s online Cable Creator.
Our MMBX cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and customize their signal
connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable
assembly configuration, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Return Loss
-15.563
dB
Insertion Loss
1.77
dB
Velocity of Propagation
70
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug to TNC Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3995-24
PE3C3995-24 REV 1.0
Snap-On MMBX Plug to TNC Female Bulkhead
Cable 24 Inch Length Using RG178 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3995-24


同様の部品番号 - PE3C3995-24

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C3995-12 PASTERNACK-PE3C3995-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3995-18 PASTERNACK-PE3C3995-18 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3995-4 PASTERNACK-PE3C3995-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3995-6 PASTERNACK-PE3C3995-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3995-8 PASTERNACK-PE3C3995-8 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 8 Inch Length Using RG178 Coax
More results

同様の説明 - PE3C3995-24

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C3995-6 PASTERNACK-PE3C3995-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3995-12 PASTERNACK-PE3C3995-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3996-24 PASTERNACK-PE3C3996-24 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to TNC Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3995-8 PASTERNACK-PE3C3995-8 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3995-4 PASTERNACK-PE3C3995-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3995-18 PASTERNACK-PE3C3995-18 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3993-24 PASTERNACK-PE3C3993-24 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3995 PASTERNACK-PE3C3995 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable Using RG178 Coax
PE3C4025-24 PASTERNACK-PE3C4025-24 Datasheet
438Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 24 Inch Length Using RG316 Coax
PE3C4042-24 PASTERNACK-PE3C4042-24 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 24 Inch Length Using RG174 Coax
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com