データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMF63 データシート(PDF) 4 Page - Schurter Inc.

部品番号 OMF63
部品情報  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

OMF63 データシート(HTML) 4 Page - Schurter Inc.

  OMF63_18 Datasheet HTML 1Page - Schurter Inc. OMF63_18 Datasheet HTML 2Page - Schurter Inc. OMF63_18 Datasheet HTML 3Page - Schurter Inc. OMF63_18 Datasheet HTML 4Page - Schurter Inc. OMF63_18 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Fuses
OMF 63
https://www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t 4.0
In typ. [A²s]
Order Number
0.63
63
63
1)
290
180
0.02
l
3402.0008.22
0.63
63
63
1)
290
180
0.02
l
3402.0008.24
0.75
63
63
1)
260
200
0.031
l
3402.0046.11
0.75
63
63
1)
260
200
0.031
l
3402.0046.22
0.75
63
63
1)
260
200
0.031
l
3402.0046.24
1
63
63
1)
220
220
0.078
l
3402.0009.11
1
63
63
1)
220
220
0.078
l
3402.0009.22
1
63
63
1)
220
220
0.078
l
3402.0009.24
1.25
63
63
1)
220
280
0.14
l
3402.0010.11
1.25
63
63
1)
220
280
0.14
l
3402.0010.22
1.25
63
63
1)
220
280
0.14
l
3402.0010.24
1.5
63
63
1)
200
300
0.24
l
3402.0047.11
1.5
63
63
1)
200
300
0.24
l
3402.0047.22
1.5
63
63
1)
200
300
0.24
l
3402.0047.24
1.6
63
63
1)
200
320
0.27
l
3402.0011.11
1.6
63
63
1)
200
320
0.27
l
3402.0011.22
1.6
63
63
1)
200
320
0.27
l
3402.0011.24
2
63
63
1)
200
400
0.44
l
3402.0012.11
2
63
63
1)
200
400
0.44
l
3402.0012.22
2
63
63
1)
200
400
0.44
l
3402.0012.24
2.5
63
63
1)
190
480
0.97
l
3402.0013.11
2.5
63
63
1)
190
480
0.97
l
3402.0013.22
2.5
63
63
1)
190
480
0.97
l
3402.0013.24
3
63
63
1)
190
570
1.3
l
3402.0014.11
3
63
63
1)
190
570
1.3
l
3402.0014.22
3
63
63
1)
190
570
1.3
l
3402.0014.24
3.15
63
63
1)
190
600
1.2
l
3402.0048.11
3.15
63
63
1)
190
600
1.2
l
3402.0048.22
3.15
63
63
1)
190
600
1.2
l
3402.0048.24
3.5
63
63
1)
140
490
1.6
l
3402.0015.11
3.5
63
63
1)
140
490
1.6
l
3402.0015.22
3.5
63
63
1)
140
490
1.6
l
3402.0015.24
4
63
63
1)
140
560
2.1
l
3402.0016.11
4
63
63
1)
140
560
2.1
l
3402.0016.22
4
63
63
1)
140
560
2.1
l
3402.0016.24
5
63
63
1)
140
700
2.9
l
3402.0017.11
5
63
63
1)
140
700
2.9
l
3402.0017.22
5
63
63
1)
140
700
2.9
l
3402.0017.24
6.3
63
63
1)
110
690
14
l
3402.0018.11
6.3
63
63
1)
110
690
14
l
3402.0018.22
6.3
63
63
1)
110
690
14
l
3402.0018.24
7
63
63
1)
105
740
16
l
3402.0019.11
7
63
63
1)
105
740
16
l
3402.0019.22
7
63
63
1)
105
740
16
l
3402.0019.24
8
63
63
1)
100
800
20
l
3402.0020.11
8
63
63
1)
100
800
20
l
3402.0020.22
8
63
63
1)
100
800
20
l
3402.0020.24
10
63
63
1)
80
800
54
l
3402.0040.11
10
63
63
1)
80
800
54
l
3402.0040.22
10
63
63
1)
80
800
54
l
3402.0040.24
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) 50 A @ 63 VAC/DC


同様の部品番号 - OMF63_18

メーカー部品番号データシート部品情報
logo
Schurter Inc.
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
More results

同様の説明 - OMF63_18

メーカー部品番号データシート部品情報
logo
Schurter Inc.
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF SCHURTER-OMF Datasheet
462Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
OMK63 SCHURTER-OMK63 Datasheet
290Kb / 2P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMK63 SCHURTER-OMK63_V01 Datasheet
234Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMK63 SCHURTER-OMK63_V02 Datasheet
296Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
OMK63 SCHURTER-OMK63_16 Datasheet
183Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V01 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com