データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC-7500 データシート(PDF) 3 Page - Advantech Co., Ltd.

部品番号 MIC-7500
部品情報  Compact Fanless System with 6th Gen Intel Core i Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-7500 データシート(HTML) 3 Page - Advantech Co., Ltd.

  MIC-7500 Datasheet HTML 1Page - Advantech Co., Ltd. MIC-7500 Datasheet HTML 2Page - Advantech Co., Ltd. MIC-7500 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Modular IPCs
i-Modules for MIC-7 Series
MIC-75M11
ƒ 1 x PCIE x16
ƒ 1 x PCI
ƒ Supports 2 x 4-cm fans (optional)
ƒ Dimensions (W x H x D): 123 x 192 x 230 mm
(4.84" x 7.55" x 9.05")
Note
1. For expansion cards with more than 45W power
consumption, a fan should be added for thermal
management.
2. MIC-73 series systems (with Intel® Atom™ CPU) support 1 PCIE x4 or 3 PCI
sockets.
MIC-75M20
MIC-75M20-01
ƒ MIC-75M20: 1 x PCIE x16/1 x PCIE x4
ƒ MIC-75M20-01: 2 x PCIE x8
ƒ Supports 2 x 4-cm fans (optional)
ƒ Dimensions (W x H x D): 123 x 192 x 230 mm
(4.84" x 7.55" x 9.05")
Note
1. For expansion cards with more than 45W power
consumption, a fan should be added for thermal
management.
2. MIC-75M20 does not support MIC-73 series systems.
3. MIC-75M20-01 does not support MIC-7700H.
Compatible with MIC-7 Series Fanless Systems
MIC-75M13
ƒ 1 x PCIE x16
ƒ 3 x PCI
ƒ 1 x SATA (2 x 2.5" HDD bays)
ƒ Supports 1 x 8-cm fan (optional)
ƒ Dimensions (W x H x D): 163 x 192 x 230 mm
(6.41" x 7.55" x 9.05")
Note
1. For expansion cards with more than 45W
power consumption, a fan should be added for
thermal management.
2. For MIC-73 series systems (with Intel® Atom™ CPU), only 1 PCIE x4 is supported.
MIC-75M40
ƒ 1 x PCIE x8
ƒ 3 x PCIE x4
ƒ 1 x SATA (2 x 2.5" HDD bays)
ƒ Supports 1 x 8-cm fan (optional)
ƒ Dimensions (W x H x D): 163 x 192 x 230 mm
(6.41" x 7.55" x 9.05")
Note
1. For expansion cards with more than 45W power
consumption, a fan should be added for thermal
management.
2. MIC-75M40 does not support MIC-73 series systems or MIC-7700H.
2-Slot Expansion Modules
4-Slot Expansion Modules
Optional Accessories
Part Number
Description
98R1751300E
8-cm fan for 4-slot i-Modules
98R1752000E
2 x 4-cm fan for 2-slot i-Modules
98R1752010E
Secondary HDD bracket (for 2-slot i-Modules)
MIC-75S20
ƒ 1 x PCIE x16
ƒ 1 x PCIE x4
ƒ 2 x Hot-swappable HDD trays (15 mm)
ƒ Supports 1 x 8-cm fan (optional)
ƒ Dimensions (W x H x D): 163 x 192 x 230 mm
(6.41" x 7.55" x 9.05")
Note
1. Install an SSD for wide temperature range. If the
system does not feature an SSD, a fan should be
added for thermal management.
2. MIC-75S20 does not support high-power consumption expansion cards
(i.e., graphics cards).
3. MIC-75S20 does not support MIC-73 series systems.
MIC-75M10
ƒ 1 x PCIE x16
ƒ Dimensions (W x H x D): 97 x 192 x 230 mm
(3.81" x 7.55" x 9.05")
Note
1. MIC-75M10 does not support fan modules.
2. MIC-75M10 does not support high-power consumption
expansion cards
(i.e., graphics cards).
Ordering Information
Part Number
Description
MIC-75M13-00A1E
4-slot expansion i-Module with 1 PCIe x16, 3 PCI
MIC-75M40-00A1E
4-slot expansion i-Module with 1 PCIe x8, 3 PCIe x4
MIC-75M11-00A1E
2-slot expansion i-Module with 1 PCIe x16, 1 PCI
MIC-75M20-00A1E
2-slot expansion i-Module with 1 PCIe x16, 1 PCIe x4
MIC-75M10-00A1
1-slot expansion i-Module with 1 PCIex16
MIC-75M20-01A1E
2-slot expansion i-Module with 2 PCIe x 8
MIC-75S20-00A1E
2-slot expansion i-Module with 1 PCIe x16, 1 PCIe x4,
2 2.5" HDD bay


同様の部品番号 - MIC-7500

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
MIC-75G20 ADVANTECH-MIC-75G20 Datasheet
1Mb / 3P
   GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G20-10A2 ADVANTECH-MIC-75G20-10A2 Datasheet
1Mb / 3P
   Compact Fanless System with 10th Gen Intel® Xeon®/Core™ i CPU Socket (LGA 1200)
19-Jul-2022
MIC-75G20-10A2 ADVANTECH-MIC-75G20-10A2 Datasheet
718Kb / 3P
   Compact Fanless System with 12th Gen Intel® Core™ i CPU Socket (LGA 1700)
9-Jan-2023
MIC-75G20-10B1 ADVANTECH-MIC-75G20-10B1 Datasheet
1Mb / 3P
   GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G30 ADVANTECH-MIC-75G30 Datasheet
1Mb / 3P
   Dual GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
12-Dec-2022
More results

同様の説明 - MIC-7500

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
MIC-7420 ADVANTECH-MIC-7420 Datasheet
618Kb / 2P
   Rackmount Fanless System with Intel® 6th Gen Core™ i Processor
1-Jun-2021
ITA-5831 ADVANTECH-ITA-5831 Datasheet
806Kb / 2P
   Intel 6th Generation Core i Processor Fanless System
logo
Axiomtek Co., Ltd.
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL_17 Datasheet
594Kb / 2P
   Fanless Embedded System with 3rd Gen Intel Core Processor
TBOX312-870-FL AXIOMTEK-TBOX312-870-FL_17 Datasheet
512Kb / 2P
   Fanless Embedded System with 3rd Gen Intel Core Processor
EBOX640-500-FL AXIOMTEK-EBOX640-500-FL_17 Datasheet
252Kb / 1P
   Fanless Embedded System with LGA1151 Socket 6th/7th Gen Intel Core
logo
DFI Inc
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
   6th/7th Gen Intel Core Processor
logo
Axiomtek Co., Ltd.
TBOX330-870-FL AXIOMTEK-TBOX330-870-FL_17 Datasheet
514Kb / 2P
   Fanless Embedded System with 3rd Gen Intel Core Processor and
logo
DFI Inc
EC532-KD-AI DFI-EC532-KD-AI Datasheet
923Kb / 4P
   6th/7th Gen Intel Core Processor Modular-Designed Embedded System
EC533-KD-AI DFI-EC533-KD-AI Datasheet
1Mb / 4P
   6th/7th Gen Intel Core Processor Modular-Designed Embedded System
logo
Advantech Co., Ltd.
ARK-5420 ADVANTECH-ARK-5420 Datasheet
1Mb / 2P
   Intel 3rd Generation Core i Processor Fanless System with PCIEx4
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com