データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LGA1155 データシート(PDF) 1 Page - Advantech Co., Ltd.

部品番号 LGA1155
部品情報  Intel LGA1155/1156
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

LGA1155 データシート(HTML) 1 Page - Advantech Co., Ltd.

  LGA1155 Datasheet HTML 1Page - Advantech Co., Ltd. LGA1155 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Peripherals
CPU Coolers
Intel Pentium 4 LGA775
Model Name
1960013266T000
1750000332
1750000334
Thermal Dispatch
Performance
Pentium 4: Up to 3.4 GHz
(90 nm, 84 W, L2: 1 MB)
Core 2 Duo: Up to 3.33 GHz
(65 nm, 65 W, L2: 4 MB)
Pentium 4: Up to 3.8 GHz
(90 nm, 115 W, L2: 1 MB)
Core 2 Duo: Up to 3.33 GHz
(65 nm, 65 W, L2: 4 MB)
Core 2 Quad: Up to 3 GHz
(45 nm, 95 W, L2: 12 MB)
Pentium 4: Up to 3.8 GHz
(90 nm, 115 W, L2: 1 MB)
Core 2 Duo: Up to 3.33 GHz
(65 nm, 65 W, L2: 4 MB)
Fan
-
7 cm / 35.5 CFM
5,400 ± 10% RPM
8 cm / 57.7 CFM
4,500 ± 10% RPM
Heatsink Material
Copper
Copper
Aluminum fins & copper heart
Heatsink
Dimensions
80 x 80 x 27 mm
(3.15" x 3.15" x 1.06")
83 x 83 x 15 ~ 39 mm
(3.27" x 3.27" x 0.59" ~ 1.54")
90 x 90 x 32 mm
(3.54" x 3.54" x 1.26")
Dimensions
90 x 82.4 x 26 mm
(3.54" x 3.24" x 1.02")
83 x 83 x 55 mm
(3.27" x 3.27" x 2.17")
110 x 110 x 67 mm
(4.33" x 4.33" x 2.64")
Weight
554 g
560 g
550 g
Minimum Chassis
Height
1U
2U
4U
Recommended
Chassis
ACP-1320 series
Backplane version of chassis
Motherboard version of chassis
Supported Boards
AIMB-766/764/762, PCA-6194/6011/6010,
PCE-5124
PCA-6194/6011/6010, PCE-5124
AIMB-256/566/564/562/766/764/763/762
Intel LGA1155/1156
Model Name
1960049408N001
1960047831N001
1960047669N001
1960047670N001
Thermal Dispatch
Performance
Intel LGA1156 73W
(up to Core i5-660)
LGA1156 95W
Intel LAG1156 95W
Intel LGA1156 95W
Fan
-
7 cm/35.5CFM
5400+/- 10% RPM
8 cm/57.5 CFM
4500+/- 10% RPM
8 cm/57.5 CFM
4500+/- 10% RPM
Heatsink Material
Copper
Copper
Aluminum & Copper heart
Aluminum & Copper
Heatsink
Dimensions
85 × 85 × 26 mm
(3.35" x 3.35" x 1.02")
83 x 83 x 39.26 mm
(3.27" x 3.27" x 1.54")
90 x 90 x 35 mm
(3.54" x 3.54”x 1.38")
90 x 90 x 35 mm
(3.54" x 3.54"x 1.38")
Dimensions
-
83 x 83 x 55.73mm
(3.27" x 3.27" x 2.17")
120 x 120 x 77 mm
(4.72" x 4.72" x 3.03")
120 x 120 x 77 mm
(4.72" x 4.72" x 3.03")
Weight
611 g
582 g
500 g
500 g
Minimum Chassis
Height
1U
2U
4U
4U
Recommended
Chassis
ACP-1010/1320
Backplane version of chassis
Motherboard version of chassis
mini-ITX Motherboard version of
chassis
Supported Boards
AIMB-580/780/781/782;
PCE-5125/5126/5127/7127/5026
AIMB-580/581/582/780/781/782;
PCE-5125/5126/5127
AIMB-580/581/582/780/781/782
AIMB-280
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


同様の部品番号 - LGA1155

メーカー部品番号データシート部品情報
logo
Advanced Energy Industr...
LGA110D ADVANCEDENERGY-LGA110D Datasheet
920Kb / 8P
   110 Amp DC/DC Converter
More results

同様の説明 - LGA1155

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
IMB-171-D ETC2-IMB-171-D Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208_17 Datasheet
284Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
IMB207 AXIOMTEK-IMB207_17 Datasheet
239Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
logo
List of Unclassifed Man...
IMB-770 ETC2-IMB-770 Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
IMB-171-L ETC2-IMB-171-L Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
logo
Axiomtek Co., Ltd.
IMB204 AXIOMTEK-IMB204_17 Datasheet
272Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
logo
List of Unclassifed Man...
IMB-370-D ETC2-IMB-370-D Datasheet
686Kb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
IMB-370-L ETC2-IMB-370-L Datasheet
689Kb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
logo
Axiomtek Co., Ltd.
MANO873 AXIOMTEK-MANO873_17 Datasheet
320Kb / 1P
   Mini-ITX SBC with LGA1155 Socket 3rd Gen Intel Core Processor, Intel Q77
MANO861 AXIOMTEK-MANO861_17 Datasheet
261Kb / 1P
   Mini-ITX SBC with LGA1155 Socket 3rd Gen Intel Core Processor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com