データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE91135 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE91135
部品情報  SMA Male to SMA Male Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91135 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91135 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91135 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91135 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91135 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Male Connector 1
• SMA Male Connector 2
• 50 Ohms
• Straight Body Geometry
Features
• Max VSWR of 1.23:1 up to 18 GHz
• SMA Interface compliant with MIL-STD-348
• Gold Plated Brass Contact
• 100 µ-in min Gold Contact Plating
Applications
• General Purpose Test
.
Description
Pasternack’s PE91135 SMA male to SMA male adapter is part of our full line of RF components available for same-day
shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors. Our SMA
to SMA adapter has a male to male gender configuration built of durable stainless steel. PE91135 SMA male to SMA male
adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.23:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.23:1
Operating Voltage (AC)
500
Vrms
. .
Mechanical Specifications
Size
Length
0.874 in [22.2 mm]
Width
0.315 in [8 mm]
Weight
0.013 lbs [5.9 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Adapter PE91135
PE91135 REV 1.1
SMA Male to SMA Male Adapter
PE91135
RF Adapters Technical Data Sheet


同様の部品番号 - PE91135

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE9113 PASTERNACK-PE9113 Datasheet
74Kb / 1P
   UHF MALE TO MALE
PE91134 PASTERNACK-PE91134 Datasheet
237Kb / 3P
   N Male to 7 - 16 DIN Female Adapter
PE91136 PASTERNACK-PE91136 Datasheet
368Kb / 3P
   Maximum Insertion Loss
PE91137 PASTERNACK-PE91137 Datasheet
345Kb / 3P
   Inner Conductor Material and Plating
PE91138 PASTERNACK-PE91138 Datasheet
373Kb / 3P
   Maximum Insertion Loss
More results

同様の説明 - PE91135

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
   SMA Male to SMA Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
   Precision SMA Male to SMA Male Adapter
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
   SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
Pomona Electronics
4283 POMONA-4283 Datasheet
18Kb / 1P
   Adapter, SMA, Male to Male
logo
Pasternack Enterprises,...
PE9418 PASTERNACK-PE9418 Datasheet
249Kb / 3P
   SMA Male to SMA Male Right Angle Adapter
PE91259 PASTERNACK-PE91259 Datasheet
347Kb / 3P
   SMA Male to Reverse Polarity SMA Male Adapter
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
   SMA Male to SMA Male Right Angle Adapter
PE9103 PASTERNACK-PE9103 Datasheet
253Kb / 3P
   SMA Male to SMA Female Adapter
logo
Mini-Circuits
SFR-SM50 MINI-SFR-SM50 Datasheet
186Kb / 2P
   Adapter SMA-Female to SMA-Male
logo
Pomona Electronics
4288 POMONA-4288 Datasheet
20Kb / 1P
   Adapter, SMA Male To BNC Male
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com