データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1460KV33 データシート(PDF) 15 Page - Cypress Semiconductor

部品番号 CY7C1460KV33
部品情報  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV33 データシート(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C1460KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 14Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Document Number: 001-66680 Rev. *L
Page 15 of 31
CY7C1460KV33
CY7C1460KVE33
CY7C1462KVE33
TAP Controller State Diagram
The 0/1 next to each state represents the value of TMS at the
rising edge of TCK.
TAP Controller Block Diagram
TAP Timing Diagram
TEST-LOGIC
RESET
RUN-TEST/
IDLE
SELECT
DR-SCA N
SELECT
IR-SCA N
CA PTURE-DR
SHIFT-DR
CA PTURE-IR
SHIFT-IR
EXIT1-DR
PA USE-DR
EXIT1-IR
PA USE-IR
EXIT2-DR
UPDA TE-DR
EXIT2-IR
UPDA TE-IR
1
1
1
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
1
0
1
1
0
1
0
1
1
1
1
0
Bypass Register
0
Instruction Register
0
1
2
Identification Register
0
1
2
29
30
31
.
.
.
Boundary Scan Register
0
1
2
.
.
x
.
.
.
Selection
Circuitry
TCK
TM S
TAP CONTROLLER
TDI
TDO
Selection
Circuitry
t
TL
Test Clock
(TCK )
123456
Test M ode Select
(TM S)
tTH
Test Data-O ut
(TDO )
tCYC
Test Data-In
(TDI)
tTM SH
tTM SS
tTDIH
tTDIS
tTDOX
tTDOV
DO N’T CA RE
UNDEFINED


同様の部品番号 - CY7C1460KV33

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167AXC CYPRESS-CY7C1460KV25-167AXC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZC CYPRESS-CY7C1460KV25-167BZC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZXI CYPRESS-CY7C1460KV25-167BZXI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-200BZI CYPRESS-CY7C1460KV25-200BZI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

同様の説明 - CY7C1460KV33

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com