データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1461KV33 データシート(PDF) 19 Page - Cypress Semiconductor

部品番号 CY7C1461KV33
部品情報  36-Mbit (1M36/2M18) Flow-Through SRAM with NoBL??Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1461KV33 データシート(HTML) 19 Page - Cypress Semiconductor

Back Button CY7C1461KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 20Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 21Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 22Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 23Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
CY7C1461KV33
CY7C1463KV33
Document Number: 001-66681 Rev. *G
Page 19 of 23
Ordering Information
Table 1 lists the ordering codes. The table contains only the parts that are currently available. If you do not see what you are looking
for, contact your local sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the
product summary page at http://www.cypress.com/products.
Ordering Code Definitions
Table 1. Ordering Information
Speed
(MHz)
Ordering Code
Package
Diagram
Part and Package Type
Operating
Range
133
CY7C1461KV33-133AXC
51-85050 100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Commercial
CY7C1463KV33-133AXC
CY7C1461KV33-133AXI
Industrial
Temperature range: X = C or I
C = Commercial = 0 °C to +70 °C; I = Industrial = -40 °C to +85 °C
X = Pb-free; X Absent = Leaded
Package Type:
A = 100-pin TQFP
Speed Grade: XXX = 133 MHz
V33 = 3.3 V VDD
Process Technology: K
 65 nm
Part Identifier: 14XX = 1461 or 1463
1461 = FT, 1 M × 36 (36-Mbit)
1463 = FT, 2 M × 18 (36-Mbit)
Technology Code: C = CMOS
Marketing Code: 7 = SRAM
Company ID: CY = Cypress
C
14XX
K
- XXX
X
A
V33
X
CY 7


同様の部品番号 - CY7C1461KV33

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100AXC CYPRESS-CY7C1461AV25-100AXC Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100AXI CYPRESS-CY7C1461AV25-100AXI Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100BZC CYPRESS-CY7C1461AV25-100BZC Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100BZI CYPRESS-CY7C1461AV25-100BZI Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
More results

同様の説明 - CY7C1461KV33

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
   18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_12 Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com