データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1521KV18 データシート(PDF) 15 Page - Cypress Semiconductor

部品番号 CY7C1521KV18
部品情報  72-Mbit DDR II SRAM Four-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1521KV18 データシート(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C1521KV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1521KV18 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Document Number: 001-00439 Rev. *M
Page 15 of 29
CY7C1521KV18
TAP AC Switching Characteristics
Over the Operating Range
Parameter [14, 15]
Description
Min
Max
Unit
tTCYC
TCK Clock Cycle Time
50
ns
tTF
TCK Clock Frequency
20
MHz
tTH
TCK Clock HIGH
20
ns
tTL
TCK Clock LOW
20
ns
Setup Times
tTMSS
TMS Setup to TCK Clock Rise
5
ns
tTDIS
TDI Setup to TCK Clock Rise
5
ns
tCS
Capture Setup to TCK Rise
5
ns
Hold Times
tTMSH
TMS Hold after TCK Clock Rise
5
ns
tTDIH
TDI Hold after Clock Rise
5
ns
tCH
Capture Hold after Clock Rise
5
ns
Output Times
tTDOV
TCK Clock LOW to TDO Valid
10
ns
tTDOX
TCK Clock LOW to TDO Invalid
0
ns
Notes
14. tCS and tCH refer to the setup and hold time requirements of latching data from the boundary scan register.
15. Test conditions are specified using the load in TAP AC Test Conditions. tR/tF = 1 ns.


同様の部品番号 - CY7C1521KV18

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1521V18 CYPRESS-CY7C1521V18 Datasheet
462Kb / 28P
   72-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1521V18-167BZC CYPRESS-CY7C1521V18-167BZC Datasheet
462Kb / 28P
   72-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1521V18-167BZI CYPRESS-CY7C1521V18-167BZI Datasheet
462Kb / 28P
   72-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1521V18-167BZXC CYPRESS-CY7C1521V18-167BZXC Datasheet
462Kb / 28P
   72-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1521V18-167BZXI CYPRESS-CY7C1521V18-167BZXI Datasheet
462Kb / 28P
   72-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

同様の説明 - CY7C1521KV18

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1517V18 CYPRESS-CY7C1517V18 Datasheet
462Kb / 28P
   72-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com