データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1618KV18 データシート(PDF) 20 Page - Cypress Semiconductor

部品番号 CY7C1618KV18
部品情報  144-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1618KV18 データシート(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C1618KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Document Number: 001-44274 Rev. *N
Page 20 of 32
CY7C1618KV18/CY7C1620KV18
Power Up Sequence in DDR II SRAM
DDR II SRAMs must be powered up and initialized in a
predefined manner to prevent undefined operations.
Power Up Sequence
Apply power and drive DOFF either high or low (all other inputs
can be high or low).
Apply VDD before VDDQ.
Apply VDDQ before VREF or at the same time as VREF.
Drive DOFF high.
Provide stable DOFF (high), power and clock (K, K) for 20 s
to lock the PLL
PLL Constraints
PLL uses K clock as its synchronizing input. The input must
have low phase jitter, which is specified as tKC Var.
The PLL functions at frequencies down to 120 MHz.
If the input clock is unstable and the PLL is enabled, then the
PLL may lock onto an incorrect frequency, causing unstable
SRAM behavior. To avoid this, provide 20
s of stable clock to
relock to the desired clock frequency.
Figure 4. Power Up Waveforms
> 20μs Stable clock
Start Normal
Operation
DOFF
Stable (< +/- 0.1V DC per 50ns )
Fix HIGH (or tie to VDDQ)
K
K
DDQ
DD
V
V
/
DDQ
DD
V
V
/
Clock Start (Clock Starts after
Stable)
DDQ
DD
V
V
/
Unstable Clock


同様の部品番号 - CY7C1618KV18

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1618KV18-300BZXC CYPRESS-CY7C1618KV18-300BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1618KV18-333BZXC CYPRESS-CY7C1618KV18-333BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
More results

同様の説明 - CY7C1618KV18

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1316KV18 CYPRESS-CY7C1316KV18 Datasheet
1,019Kb / 32P
   18-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com