データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCS2-771 データシート(PDF) 1 Page - Mini-Circuits

部品番号 NCS2-771
部品情報  RF Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NCS2-771 データシート(HTML) 1 Page - Mini-Circuits

  NCS2-771 Datasheet HTML 1Page - Mini-Circuits NCS2-771 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
NCS2-771+
The Big Deal
• Tiny size, 0805
• Low insertion loss, 0.2 dB
• Very good amplitude unbalance, 0.5 dB
• Low cost
Product Overview
Mini-Circuits NCS2-771+ is a miniature ceramic RF balun transformer with an impedance ratio of 2:1,
covering a variety of 50Ω applications from 240 to 770 MHz. This model provides low insertion loss, low
amplitude unbalance, and RF input power handling up to 2W. Fabricated using LTCC technology, it comes
housed in a tiny package (0.08 x 0.05 x 0.04”) and is suitable for high-volume production.
Key Features
Feature
Advantages
Low insertion loss, 0.8 dB
Enables excellent signal power transmission from input to output.
Low amplitude unbalance, 0.8 dB
Low unbalance can improve a system’s electromagnetic compatibility by rejecting un-
wanted common-mode noise.
2W power handling
Supports a wide range of power requirements
DC Isolation
Provides DC isolation between circuits and efficient AC transmission, eliminating the
need for external DC biasing components.
Tiny size, 0805
Accommodates tight space requirements for dense PCB layouts.
CASE STYLE: GE0805C-9
50
240 to 770 MHz 1:2 Ratio
RF Transformer
Ceramic Balun


同様の部品番号 - NCS2-771

メーカー部品番号データシート部品情報
logo
Mini-Circuits
NCS2-771++ MINI-NCS2-771+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
NCS2-771-75 MINI-NCS2-771-75 Datasheet
302Kb / 1P
   RF Transformer
NCS2-771-75++ MINI-NCS2-771-75+ Datasheet
302Kb / 1P
   RF Transformer
More results

同様の説明 - NCS2-771

メーカー部品番号データシート部品情報
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com