データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST180C08C1L データシート(PDF) 6 Page - International Rectifier

部品番号 ST180C08C1L
部品情報  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST180C08C1L データシート(HTML) 6 Page - International Rectifier

  ST180C08C1L Datasheet HTML 1Page - International Rectifier ST180C08C1L Datasheet HTML 2Page - International Rectifier ST180C08C1L Datasheet HTML 3Page - International Rectifier ST180C08C1L Datasheet HTML 4Page - International Rectifier ST180C08C1L Datasheet HTML 5Page - International Rectifier ST180C08C1L Datasheet HTML 6Page - International Rectifier ST180C08C1L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ST180C..C Series
6
www.irf.com
Bulletin I25164 rev. C 02/00
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
20
30
40
50
60
70
80
90
100
110
120
130
0
50 100 150 200 250 300 350 400 450
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST180C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
100 200 300 400 500 600 700
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST180C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/W
thJ-hs
0
100
200
300
400
500
600
700
800
900
1000
0
50 100 150 200 250 300 350 400 450
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Angle
ST180C..C Series
T = 125˚C
J
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
100 200 300 400 500 600 700
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
ST180C..C Series
T = 125˚C
J
2000
2500
3000
3500
4000
4500
1
10
100
Initial T = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
ST180C..C Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
ST180C..C Series
Maximum Non Repetitive Surge Current
Initial T = 125˚C
No Voltage Reapplied
Rated V
Reapplied
RRM
J


同様の部品番号 - ST180C08C1L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST180C20C0LPBF VISHAY-ST180C20C0LPBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
ST180C20C0PBF VISHAY-ST180C20C0PBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
ST180C20C1LPBF VISHAY-ST180C20C1LPBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
ST180C20C1PBF VISHAY-ST180C20C1PBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
More results

同様の説明 - ST180C08C1L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com