データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DS163DT120WAK データシート(PDF) 3 Page - Advanced Micro Devices

部品番号 AM29DS163DT120WAK
部品情報  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163DT120WAK データシート(HTML) 3 Page - Advanced Micro Devices

  AM29DS163DT120WAK Datasheet HTML 1Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 2Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 3Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 4Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 5Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 6Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 7Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 8Page - Advanced Micro Devices AM29DS163DT120WAK Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 22326
Rev: A Amendment/1
Issue Date: November 8, 2004
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29DS163D
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
Multiple bank architectures
— Two devices available with different bank sizes (refer
to Table 3)
Secured Silicon (SecSi) Sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data.
— Customer lockable: Can be read, programmed, or
erased just like other sectors. Once locked, data
cannot be changed.
— 64 Kbyte sector size
Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
Package options
— 48-ball FBGA
Top or bottom boot block
Manufactured on 0.23 µm process technology
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
High performance
— Access time as fast 100 ns
— Program time: 13 µs/word typical utilizing Accelerate function
Ultra low power consumption (typical values)
— 1 mA active read current at 1 MHz
— 5 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
Minimum 1 million write cycles guaranteed per sector
20 Year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
Data Management Software (DMS)
— AMD-supplied software manages data programming
and erasing, enabling EEPROM emulation
— Eases sector erase limitations
Supports Common Flash Memory Interface (CFI)
Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in
same bank
Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
Any combination of sectors can be erased
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to reading array data
WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect status
— Acceleration (ACC) function provides accelerated
program times
Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system


同様の部品番号 - AM29DS163DT120WAK

メーカー部品番号データシート部品情報
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EE SPANSION-AM29DS320GB120EE Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EEN SPANSION-AM29DS320GB120EEN Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EI SPANSION-AM29DS320GB120EI Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DS320GB120EIN SPANSION-AM29DS320GB120EIN Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
More results

同様の説明 - AM29DS163DT120WAK

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C Datasheet
1Mb / 52P
   16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
ATMEL Corporation
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
logo
SPANSION
AM29DS32XG SPANSION-AM29DS32XG Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D Datasheet
1,013Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D_06 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com