データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST380CH04C0 データシート(PDF) 3 Page - International Rectifier

部品番号 ST380CH04C0
部品情報  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST380CH04C0 データシート(HTML) 3 Page - International Rectifier

  ST380CH04C0 Datasheet HTML 1Page - International Rectifier ST380CH04C0 Datasheet HTML 2Page - International Rectifier ST380CH04C0 Datasheet HTML 3Page - International Rectifier ST380CH04C0 Datasheet HTML 4Page - International Rectifier ST380CH04C0 Datasheet HTML 5Page - International Rectifier ST380CH04C0 Datasheet HTML 6Page - International Rectifier ST380CH04C0 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST380CH..C Series
3
Bulletin I25169 rev. C 04/00
www.irf.com
dv/dt
Maximum critical rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
Blocking
500
V/
µsT
J = TJ max. linear to 80% rated V DRM
Parameter
ST380CH..C
Units Conditions
100
mA
T
J = TJ max, rated VDRM /V RRM applied
P
GM
Maximum peak gate power
10.0
T
J
= T
J
max, t
p
5ms
P
G(AV)
Maximum average gate power
2.0
T
J = TJ max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J
= T
J
max, t
p
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
T
J = - 40°C
mA
T
J
= 25°C
T
J
= 150°C
T
J
= - 40°C
VT
J
= 25°C
T
J = 150°C
I
GD
DC gate current not to trigger
10
mA
Parameter
ST380CH..C
Units Conditions
20
5.0
Triggering
TYP.
MAX.
200
-
100
200
40
-
2.5
-
1.8
3.0
1.0
-
V
GD
DC gate voltage not to trigger
0.25
V
Max. gate current/voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM anode-to-cathode applied
T
J = TJ max
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
V
GT
DC gate voltage required
to trigger
I
GT
DC gate current required
to trigger
W
VT
J = TJ max, t
p
5ms
T
J
Max. operating temperature range
-40 to 150
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs Max. thermal resistance,
0.09
DC operation single side cooled
junction to heatsink
0.04
DC operation double side cooled
R
thC-hs
Max. thermal resistance,
0.02
DC operation single side cooled
case to heatsink
0.01
DC operation double side cooled
F
Mounting force, ± 10%
9800
N
(1000)
(Kg)
wt
Approximate weight
83
g
Parameter
ST380CH..C
Units
Conditions
K/W
Thermal and Mechanical Specification
°C
Case style
TO - 200AB (E-PUK)
See Outline Table
K/W


同様の部品番号 - ST380CH04C0

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST380CH04C0L VISHAY-ST380CH04C0L Datasheet
212Kb / 9P
   Phase Control Thyristors
Revision: 11-Aug-08
logo
International Rectifier
ST380CH04C0LPBF IRF-ST380CH04C0LPBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
ST380CH04C0PBF IRF-ST380CH04C0PBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
More results

同様の説明 - ST380CH04C0

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com