データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ELF-15N007A データシート(PDF) 9 Page - International Rectifier

部品番号 ELF-15N007A
部品情報  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ELF-15N007A データシート(HTML) 9 Page - International Rectifier

Back Button ELF-15N007A Datasheet HTML 5Page - International Rectifier ELF-15N007A Datasheet HTML 6Page - International Rectifier ELF-15N007A Datasheet HTML 7Page - International Rectifier ELF-15N007A Datasheet HTML 8Page - International Rectifier ELF-15N007A Datasheet HTML 9Page - International Rectifier ELF-15N007A Datasheet HTML 10Page - International Rectifier ELF-15N007A Datasheet HTML 11Page - International Rectifier ELF-15N007A Datasheet HTML 12Page - International Rectifier ELF-15N007A Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
RD-0613
www.irf.com
Note 1: Different lamp types require different frequency programming components.
Note 2: CEOL and CSD values can be increased up to 470 nF to increase noise immunity.
Note 3: REOL4 value can be increased to 33 kΩ for a more sensitive lamp end-of-life detection
HORIZONTAL
INDUCTOR SPECIFICATION
CORE SIZE
CORE MATERIAL
GAP LENGTH
Fi 324 or equivalent
WINDING
START PIN
FINISH PIN
TURNS
WIRE DIAMETER (mm)
MAIN
ZX
PHYSICAL LAYOUT
TEST
MAIN WINDING INDUCTANCE INDUCTANCE TOLERANCES: +/- 5%
mm
PART NO.: IL 060 320 41 02 REF DES:LPFC
(TEST FREQUENCY = 50kHz)
NOMINAL INDUCTANCE
MAXIMUM CURRENT
MAXIMUM CORE TEMPERATURE
mH
Apk
ºC
115
NOTE : Inductor must not saturate at maximum current and maximum core temperature at
given test frequency
ELECTRICAL
LAYOUT
BOBBIN
PINS
EVD25
3.5
8
2
2.5
17
TBD
35
26
4 strands of AWG 32
AWG 32
5mm
5mm
20.05mm
25mm
TOP VIEW
1
2
3
4
8
7
6
5
MAIN WINDING INDUCTANCE INDUCTANCE RESISTANCE MAX 3.2 OHM
Fig. 5: Power Factor Inductor Specification


同様の部品番号 - ELF-15N007A

メーカー部品番号データシート部品情報
logo
International Rectifier
ELF-15N007A IRF-ELF-15N007A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
ELF-15N007A IRF-ELF-15N007A Datasheet
355Kb / 16P
   High Power Factor/Low THD
More results

同様の説明 - ELF-15N007A

メーカー部品番号データシート部品情報
logo
International Rectifier
IRPLDIM3 IRF-IRPLDIM3 Datasheet
699Kb / 27P
   IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
   Universal Input Linear Fluorescent Ballast using the IR2167
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
ON Semiconductor
NCP786A ONSEMI-NCP786A Datasheet
107Kb / 7P
   Wide Input Voltage Range PSRR Linear Regulator
December, 2017 ??Rev. 1
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
   Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785B ONSEMI-NCP785B Datasheet
132Kb / 8P
   Wide Input Voltage Range PSRR Linear Regulator
February, 2014 ??Rev. P0
logo
IXYS Corporation
IXDN0037 IXYS-IXDN0037 Datasheet
410Kb / 31P
   Non-Dimmable Fluorescent Ballast
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
   Wide Input Range
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
   Wide Range Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com