データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF13509D データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LF13509D
部品情報  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF13509D データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LF13509D Datasheet HTML 3Page - National Semiconductor (TI) LF13509D Datasheet HTML 4Page - National Semiconductor (TI) LF13509D Datasheet HTML 5Page - National Semiconductor (TI) LF13509D Datasheet HTML 6Page - National Semiconductor (TI) LF13509D Datasheet HTML 7Page - National Semiconductor (TI) LF13509D Datasheet HTML 8Page - National Semiconductor (TI) LF13509D Datasheet HTML 9Page - National Semiconductor (TI) LF13509D Datasheet HTML 10Page - National Semiconductor (TI) LF13509D Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Applications
DATA ACQUISITION SYSTEM
A SIMPLIFIED SYSTEM DISCUSSION
Analog multiplexers (MUX) are usually used for multi-chan-
nel Data Acquisition Units (DAU)
Figure 5 shows a system
in which 8 different analog inputs are sampled and convert-
ed into digital words for further processing The sample and
hold circuit is optional depending on input speed require-
ments and on AD converter speed
Parameters characterizing the system are
System Channels
The number of multiplexer channels
Accuracy
The conversion accuracy of each individual sam-
ple with the system operating at the throughput rate
Speed or Throughput Rate
Number of samplessecond
channel the system can handle
For a discussion on system structure addressing mode and
processor interfacing see application note AN-159
A ACCURACY CONSIDERATIONS
1 Multiplexer’s Influence on System Accuracy
(Figure 6)
a The error (E) caused by the finite ‘‘ON’’ resist-
ance RON of the multiplexing switches is given
by
E(%) e
100
1 a RIN (RON a RS a DRON)
where
RIN e following stage input impedance
D
RON e ‘‘ON’’ resistance modulation which is
negligible for JFET switches like the LF11508
Example Let RON e 450 X DRON e 0 RS e 0 TA
e
25 C and allowable E e 001% which is equivalent
to 12 LSB in a 12-bit system
RIN
min
e
RON(100 b E)
E
e
45 MX
Note that if temperature effects are included some
gain (or full scale) drift will occur but effects on linearity
are small
b Multiplexer settling time (ts)
ts(ON) is the time required for the MUX output to
settle within a predetermined accuracy
as
shown in Table I
CS (Figure 6) MUX output capacitance a fol-
lowing stage input capacitance a any stray ca-
pacitance at this node
TABLE I
ERROR %
BITS
ts(ON)
TO 12 LSB
02
8
62t
005
10
76t
001
12
9t
00008
16
118t
t e CS (RON a RS)
ll RIN
ts(OFF) is the time it takes to discharge CS within
a tolerable error The ‘‘OFF’’ settling time should
be taken into account for bipolar inputs where its
effects will appear as a worse case of doubling
of the ts(ON)
2 Sample and Hold Influence on System Accuracy
The sample and hold if used also introduces errors into
the system accuracy due to
 Offset voltage of sample and hold
 Droop rate in the Hold mode
 TA Aperture time or time delay between the time of a
digital Hold command and the actual Hold occurance
 Taq Acquisition time or time it takes to acquire an
analog input and settle within a predetermined error
band
 Hold step Error created during the Sample to Hold
mode caused by an undesirable charge injected into
the Hold capacitor Ch
For more details on sample and hold errors see the
LF198LF298LF398 data sheet
3 AD Converter Influence on System Accuracy
The ‘‘accuracy’’ of the AD converter is the best possible
system accuracy In most data acquisition systems the
AD converter is the most expensive single component
so its error will often dominate system error Care should
be taken that MUX SH and input source errors do not
exceed system error requirements when
added to AD
errors For instance if an 8-bit accuracy system is desired
and an 8-bit AD converter is used the accuracy of the
MUX and SH should be far better than 8 bits
For details on AD converter specifications see AN-156
TLH5668 – 13
FIGURE 5 Random-Addressed Multiplexed DAU
FIGURE 6 8-Channel MUX
7


同様の部品番号 - LF13509D

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF13-WBJ-11P HIROSE-LF13-WBJ-11P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-11S HIROSE-LF13-WBJ-11S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12P HIROSE-LF13-WBJ-12P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12S HIROSE-LF13-WBJ-12S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-20P HIROSE-LF13-WBJ-20P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
More results

同様の説明 - LF13509D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com