データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF13509M データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LF13509M
部品情報  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF13509M データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LF13509M Datasheet HTML 6Page - National Semiconductor (TI) LF13509M Datasheet HTML 7Page - National Semiconductor (TI) LF13509M Datasheet HTML 8Page - National Semiconductor (TI) LF13509M Datasheet HTML 9Page - National Semiconductor (TI) LF13509M Datasheet HTML 10Page - National Semiconductor (TI) LF13509M Datasheet HTML 11Page - National Semiconductor (TI) LF13509M Datasheet HTML 12Page - National Semiconductor (TI) LF13509M Datasheet HTML 13Page - National Semiconductor (TI) LF13509M Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical Applications (Continued)
D DOUBLING THE SYSTEM CHANNEL CAPABILITY
This is done in two different ways First we can use second
level multiplexing with speed benefits as shown in
Figure 9
A fast 2-channel multiplexer made by the dual analog
switch AM182 accepts the outputs of each 8-channel MUX
LF13508 and then feeds them sequentially into an 8-bit
successive approximation AD converter With this tech-
nique the throughput rate of the system can again be made
independent of the LF13508 speed Looking at the timing
diagram when the AD converter converts the analog value
of an upper multiplexer channel we switch channels in the
lower multiplexer for the next conversion This can be done
provided that
TMUX s TC a 1CP
The LF356 connected as unity gain buffers are used be-
cause of the low input impedance of the AD they are con-
nected between multiplexers for speed optimization With a
maximum clock frequency of 45 MHz
Th R e
106
16 c 2
e
3125k samplessecchannel
and
D
VIN
D
t
max
k
10
256
c
1
2ms
e
195 mV ms for 10VFS
An alternate way to increase the system channel is shown
in
Figure 10 where the enable pins are used to disable one
MUX while the other is sampling With this method many 8-
channel multiplexers can be connected but the parasitic
capacitance at the common output node will keep increas-
ing and will eventually degrade the settling time ts(ON)
Also the MUX speed will now affect the system throughput
If for instance this method was used instead of second
level multiplexing the system of
Figure 9 will lose half of its
speed If however speed is not the prime system require-
ment the approach of
Figure 10 is more cost effective
E DIFFERENTIAL INPUT SYSTEMS
Systems operating in industrial environments may require
an instrumentation amplifier to separate the desired analog
signal
from
any
common-mode
signal
present
The
LF11509 was designed to provide 4 pairs of differential in-
put signals to the input of an instrumentation amplifier for
further process
TLH5668 – 15
 The acquisition time TA of the Sample and Hold depends upon RON IDSS of switches ZOUT of switches
 IDSSj15 mA ZOUTe40 kX
 VINe10V Che1000 pF TAe20 ms to 01%
 Error created by charge injection during Hold mode DVEj10 pF (145VbVIN)Ch
FIGURE 8 Inexpensive Sample and Hold
10


同様の部品番号 - LF13509M

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF13-WBJ-11P HIROSE-LF13-WBJ-11P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-11S HIROSE-LF13-WBJ-11S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12P HIROSE-LF13-WBJ-12P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12S HIROSE-LF13-WBJ-12S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-20P HIROSE-LF13-WBJ-20P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
More results

同様の説明 - LF13509M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com