データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX2245BQX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74VCX2245BQX
部品情報  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX2245BQX データシート(HTML) 1 Page - Fairchild Semiconductor

  74VCX2245BQX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 8Page - Fairchild Semiconductor 74VCX2245BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500170
www.fairchildsemi.com
June 1999
Revised April 2005
74VCX2245
Low Voltage Bidirectional Transceiver
with 3.6V Tolerant Inputs and Outputs
and 26
: Series Resistors in B Outputs
General Description
The VCX2245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus ori-
ented applications. The T/R input determines the direction
of data flow. The OE input disables both the A and B ports
by placing them in a high impedance state.
The 74VCX2245 is designed for low voltage (1.4V to 3.6V)
VCC applications with I/O compatibility up to 3.6V. The
VCX2245 is also designed with 26
: series resistance in
the B Port outputs. This design reduces line noise in appli-
cations such as memory address drivers, clock drivers, and
bus transceivers transmitters
The 74VCX2245 is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 1.4V - 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s 26
: series resistors in B Port outputs
s Power-off high impedance inputs and outputs
s Supports Live Insertion and Withdrawal (Note 1)
s tPD (A to B)
4.4 ns max for 3.0V to 3.6V VCC
s Static Drive (IOH/IOL B outputs):
r12 mA @ 3.0V VCC
s Uses patented Quiet Series
¥ noise/EMI reduction
circuitry
s Latchup performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Leadless DQFN Pb-Free package
Note 1: To ensure the high impedance state during power up and power
down, OEn should be tied to VCC through a pull up resistor. The minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 2: DQFN package available in Tape and Reel only.
Logic Symbol
Pin Descriptions
Quiet Series
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Number
Package Description
74VCX2245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VCX2245BQX
(Note 2)
MLP020B
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 4.5mm
74VCX2245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input (Active LOW)
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs


同様の部品番号 - 74VCX2245BQX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74VCX2245MTC FAIRCHILD-74VCX2245MTC Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74VCX2245WM FAIRCHILD-74VCX2245WM Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
More results

同様の説明 - 74VCX2245BQX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74LCXR162245 FAIRCHILD-74LCXR162245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com