データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74S175N データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74S175N
部品情報  Hex/Quad D Flip-Flop with Clear
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S175N データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74S175N Datasheet HTML 1Page - Fairchild Semiconductor DM74S175N Datasheet HTML 2Page - Fairchild Semiconductor DM74S175N Datasheet HTML 3Page - Fairchild Semiconductor DM74S175N Datasheet HTML 4Page - Fairchild Semiconductor DM74S175N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 5: All typicals are at VCC = 5V, TA = 25°C.
Note 6: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 7: With all outputs OPEN and 4.5V applied to all DATA and CLEAR inputs, ICC is measured after a momentary ground, then 4.5V applied to the CLOCK
input.
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.5V
−2mA
IOS
Short Circuit Output Current
VCC = Max (Note 6)
−40
−100
mA
ICC
Supply Current (DM74S174)
VCC = Max (Note 7)
90
144
mA
ICC
Supply Current (DM74S175)
VCC = Max (Note 7)
60
96
mA
RL = 280Ω
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
75
65
MHz
tPLH
Propagation Delay Time
Clock to Output
12
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Output
17
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clear to Q
15
18
ns
LOW-to-HIGH Level Output (DM74S175 Only)
tPHL
Propagation Delay Time
Clear to Q
22
23
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74S175N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74S175N FAIRCHILD-DM74S175N Datasheet
55Kb / 5P
   Hex/Quad D Flip-Flop with Clear
More results

同様の説明 - DM74S175N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74S174 FAIRCHILD-DM74S174 Datasheet
55Kb / 5P
   Hex/Quad D Flip-Flop with Clear
DM74174 FAIRCHILD-DM74174 Datasheet
42Kb / 4P
   Hex/Quad D-Type Flip-Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com