データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SDA9280 データシート(Datasheet) 6 Page - Siemens Semiconductor Group

部品番号. SDA9280
部品情報  ICs for Consumer Electronics
ダウンロード  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo 

 6 page
background image
SDA 9280 B22
Semiconductor Group
6
1998-02-01
• Programmable delay for the luminance signal
Phase adjustment between luminance and chrominance signals
• Signal manipulations
Inverted display
Graphic display
• Insertion of colored areas
Programmable color and position
• Insertion of an arbitrary pattern
Control by an external signal
One of 4096 colors programmable
Frame insertion for multi picture display
• N-Fold zoom facility for image memory systems
• Programmable internal PLL for clock generation
Control of compression and expansion factors
• I2C-Bus control
• P-LCC-68-1 package
• 5 V supply voltage
1.2
General Description
The Display Processor SDA 9280 is an integrated triple 9 Bit D/A converter which
performs digital enhancements and manipulations of digital video component signals.
Multiple input data formats are accepted. Operation with normal as well as doubled
horizontal deflection frequency is supported. 4:3 or 16:9 display formats are possible.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
SDA9270ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA5275PICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA525X-2ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA16846ICs for Consumer Electronics 1 2 3 4 5 MoreInfineon Technologies AG
ICX489AQFHigh-Resolution 7.24M-Pixel Diagonal 9.107 mm Type 1/1.8 Color CCD for Consumer Digital Still Cameras Supports VGA Moving Picture Imaging 1 2 List of Unclassifed Manufacturers
MAX8621YDual Step-Down DC-DC Power-Management ICs for Portable Devices 1 2 3 4 5 MoreMaxim Integrated Products
AN5790NHorizontal Signal Processing ICs for CRT Display 1 2 3 4 Panasonic Semiconductor
PEB2055ICs for Communications Extended PCM Interface Controller 1 2 3 4 5 MoreInfineon Technologies AG
AN5635NCHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV 1 2 3 4 Panasonic Semiconductor
TDA4601Control ICs for Switched-Mode Power Supplies 1 2 3 4 5 MoreSiemens Semiconductor Group