データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP1497S データシート(PDF) 9 Page - Monolithic Power Systems

部品番号 MP1497S
部品情報  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1497S データシート(HTML) 9 Page - Monolithic Power Systems

Back Button MP1497S Datasheet HTML 5Page - Monolithic Power Systems MP1497S Datasheet HTML 6Page - Monolithic Power Systems MP1497S Datasheet HTML 7Page - Monolithic Power Systems MP1497S Datasheet HTML 8Page - Monolithic Power Systems MP1497S Datasheet HTML 9Page - Monolithic Power Systems MP1497S Datasheet HTML 10Page - Monolithic Power Systems MP1497S Datasheet HTML 11Page - Monolithic Power Systems MP1497S Datasheet HTML 12Page - Monolithic Power Systems MP1497S Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP1497S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1497S Rev. 1.01
www.MonolithicPower.com
9
9/7/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The
MP1497S
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a very compact solution to achieve 3A
continuous output current with excellent load
and line regulation over a wide input supply
range.
The MP1497S operates in a fixed-frequency,
peak-current–control mode to regulate the
output voltage. The internal clock initiates a
PWM cycle. The integrated high-side power
MOSFET turns on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If
the current in the power MOSFET does not
reach the COMP set current value within 95%
of one PWM period, the power MOSFET will be
forced to turn off.
Internal Regulator
The 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN exceeds 5.0V, the output of the regulator is
in full regulation. When VIN is below 5.0V, the
output decreases and requires a 0.1µF ceramic
decoupling capacitor.
Error Amplifier
The error amplifier compares the FB pin voltage
against the internal 0.8V reference (REF) and
outputs a COMP voltage that controls the
power MOSFET current. The optimized internal
compensation network minimizes the external
component counts and simplifies the control
loop design.
Enable/SYNC Control
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator, drive it low to turn it off. An
internal 1MΩ resistor from EN to GND allows
EN to float to shut down the chip.
The EN pin is clamped internally using a 6.5V
series-Zener-diode as shown in Figure 2.
Connecting the EN pin through a pullup resistor
to any voltage connected to VIN limits the EN
input current to less than 100µA.
For example, when connecting VIN to a 12V
source, RPULLUP≥[(12V – 6.5V) ÷ 100µA = 55kΩ].
Connecting the EN pin directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to
below 6.5V to prevent damaging the Zener
diode.
EN/SYNC
EN LOGIC
Zener
6.5V-typ
GND
Figure 2: Zener Diode Circuit
For external clock synchronization, connect a
clock with a frequency range of 300kHz and
2MHz 2ms after the output voltage is set: The
internal clock rising edge will synchronize with
the external clock rising edge. Select an
external clock signal with a pulse-width less
than 1.7μs.
Under-Voltage Lockout
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP1497S UVLO comparator monitors the
output voltage of the internal regulator, VCC.
The UVLO rising threshold is about 3.9V while
its falling threshold is 3.25V.
External Soft-Start
Adjust the soft-start time by connecting a
capacitor from the SS pin to ground. When the
soft-start period starts, an internal 11µA current
source charges the external capacitor. The soft-
start capacitor connects to the non-inverting
input of the error amplifier. The soft-start period
lasts until the voltage on the soft-start capacitor
exceeds the reference voltage of 0.8V. At this
point, the non-inverting amplifier uses the
reference voltage. The soft-start time can be
calculated as:
SS
SS
0.8V C (nF)
t(ms)
11 A
Over-Current-Protection and Hiccup
The MP1497S has a cycle-by-cycle over-
current limit that protects against the inductor
current peak value exceeding the set current


同様の部品番号 - MP1497S

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497DJ MPS-MP1497DJ Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results

同様の説明 - MP1497S

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com