データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP2141N データシート(PDF) 10 Page - Monolithic Power Systems

部品番号 MP2141N
部品情報  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2141N データシート(HTML) 10 Page - Monolithic Power Systems

Back Button MP2141N Datasheet HTML 6Page - Monolithic Power Systems MP2141N Datasheet HTML 7Page - Monolithic Power Systems MP2141N Datasheet HTML 8Page - Monolithic Power Systems MP2141N Datasheet HTML 9Page - Monolithic Power Systems MP2141N Datasheet HTML 10Page - Monolithic Power Systems MP2141N Datasheet HTML 11Page - Monolithic Power Systems MP2141N Datasheet HTML 12Page - Monolithic Power Systems MP2141N Datasheet HTML 13Page - Monolithic Power Systems MP2141N Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP2141N
– 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA I
Q
MP2141N Rev. 1.12
www.MonolithicPower.com
10
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L = 1.0µH, TA = +25°C, unless otherwise noted.


同様の部品番号 - MP2141N

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
More results

同様の説明 - MP2141N

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
   2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Monolithic Power System...
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com