データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP2162A データシート(PDF) 3 Page - Monolithic Power Systems

部品番号 MP2162A
部品情報  2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2162A データシート(HTML) 3 Page - Monolithic Power Systems

  MP2162A Datasheet HTML 1Page - Monolithic Power Systems MP2162A Datasheet HTML 2Page - Monolithic Power Systems MP2162A Datasheet HTML 3Page - Monolithic Power Systems MP2162A Datasheet HTML 4Page - Monolithic Power Systems MP2162A Datasheet HTML 5Page - Monolithic Power Systems MP2162A Datasheet HTML 6Page - Monolithic Power Systems MP2162A Datasheet HTML 7Page - Monolithic Power Systems MP2162A Datasheet HTML 8Page - Monolithic Power Systems MP2162A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP2162A – 2A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2162A Rev. 1.03
www.MonolihicPower.com
3
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
PG
VIN
SW
PGND
EN
FB
AGND
OUT
1
2
3
4
8
7
6
5
PG
VIN
SW
PGND
EN
FB
AGND
OUT
QFN-8 (2.0mmx1.5mm)
TQFN-8 (2.0mmx1.5mmx0.75mm)
UTQFN-8 (2.0mmx1.5mmx0.55mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .................................... 6.5V
VSW.…..-0.3V (-1.5V for <20ns and -4V for <8ns)
to 6.5V (10V for <10ns)
All other pins .................................-0.3V to 6.5 V
Junction temperature ................................150
C
Lead temperature .....................................260
C
Continuous power dissipation (TA = +25°C)
(2)
……….….. ............................................... 1.14W
Storage temperature................ -65
C to +150C
Recommended Operating Conditions
(3)
Supply voltage (VIN) ...........................2.5V to 6V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA θJC
QFN-8 (2.0mmx1.5mm)
......... ......110 .. 55...
C/W
TQFN-8 (2.0mmx1.5mmx0.75mm)
.110.. 55...
C/W
UTQFN-8 (2.0mmx1.5mmx0.55mm)
.110 55...
C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


同様の部品番号 - MP2162A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2162GQH MPS-MP2162GQH Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
More results

同様の説明 - MP2162A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
   2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
   1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
   1.5MHz, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com