データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP2162A データシート(PDF) 1 Page - Monolithic Power Systems

部品番号 MP2162A
部品情報  2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2162A データシート(HTML) 1 Page - Monolithic Power Systems

  MP2162A Datasheet HTML 1Page - Monolithic Power Systems MP2162A Datasheet HTML 2Page - Monolithic Power Systems MP2162A Datasheet HTML 3Page - Monolithic Power Systems MP2162A Datasheet HTML 4Page - Monolithic Power Systems MP2162A Datasheet HTML 5Page - Monolithic Power Systems MP2162A Datasheet HTML 6Page - Monolithic Power Systems MP2162A Datasheet HTML 7Page - Monolithic Power Systems MP2162A Datasheet HTML 8Page - Monolithic Power Systems MP2162A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP2162A
2A, 6V, 1.5MHz, 17μA IQ, COT
Synchronous Step-Down Converter
MP2162A Rev. 1.03
www.MonolihicPower.com
1
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2162A is a monolithic step-down,
switch-mode converter with built-in internal
power MOSFETs. It achieves 2A of continuous
output current from a 2.5V to 6V input voltage
with excellent load and line regulation. The
output voltage can be regulated as low as 0.6V.
The constant-on-time control scheme provides
fast transient response and eases loop
stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal
shutdown.
The MP2162A is available in small QFN-8
(2.0x1.5mm), TQFN-8 (2.0x1.5mmx0.75mm)
and
UTQFN-8
(2.0mmx1.5mmx0.55mm)
packages and requires only a minimal number
of
readily
available,
standard,
external
components.
The MP2162A is ideal for a wide range of
applications, including high performance DSPs,
FPGAs, PDAs, and portable instruments.
FEATURES
 Very Low IQ of 17μA
 Default 1.5MHz Switching Frequency
 1.5% VFB Accuracy
 EN and Power Good for Power Sequencing
 Wide 2.5V to 6V Operating Input Range
 Output Adjustable from 0.6V
 Up to 2A of Output Current
 100% Duty Cycle in Dropout
 110mΩ and 60mΩ Internal Power MOSFET
Switches
 Cycle-by-Cycle Over-Current Protection
 Short-Circuit Protection with Hiccup Mode
 Stable with Low ESR Output Ceramic
Capacitors
 Available in QFN-8 (2.0x1.5mm), TQFN-8
(2.0x1.5mmx0.75mm)
and
UTQFN-8
(2.0mmx1.5mmx0.55mm) Packages
APPLICATIONS
 Wireless/Networking Cards
 Portable Instruments
 Battery-Powered Devices
 Low Voltage I/O System Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2162A
PGND
AGND
FB
VIN
C1
10 F
EN
VIN
2.5V to 6V
VOUT
1.2V/2A
SW
C2
10 F
R1
200k
R2
200k
PG
EN
PG
OUT
L1
1 H


同様の部品番号 - MP2162A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2162GQH MPS-MP2162GQH Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
More results

同様の説明 - MP2162A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
   2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
   1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
   1.5MHz, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com