データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8560 データシート(PDF) 8 Page - ON Semiconductor

部品番号 NCV8560
部品情報  High Performance Low-Power, LDO Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560 データシート(HTML) 8 Page - ON Semiconductor

Back Button NCV8560_17 Datasheet HTML 4Page - ON Semiconductor NCV8560_17 Datasheet HTML 5Page - ON Semiconductor NCV8560_17 Datasheet HTML 6Page - ON Semiconductor NCV8560_17 Datasheet HTML 7Page - ON Semiconductor NCV8560_17 Datasheet HTML 8Page - ON Semiconductor NCV8560_17 Datasheet HTML 9Page - ON Semiconductor NCV8560_17 Datasheet HTML 10Page - ON Semiconductor NCV8560_17 Datasheet HTML 11Page - ON Semiconductor NCV8560_17 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV8560
www.onsemi.com
8
TYPICAL CHARACTERISTICS
1.5 V
1.8 V
Figure 20. Ground Current (Sleep Mode) vs.
Temperature
Figure 21. Ground Current (Run Mode) vs.
Temperature
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
110
85
60
35
10
−15
−40
0
1.0
2.0
3.0
5.0
6.0
120
100
60
40
20
0
−20
−40
90
98
106
114
138
154
Figure 22. Ground Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
5.0
4.0
3.0
2.0
1.0
0
0
20
60
80
120
160
Figure 23. Ground Current vs. Output Current
Figure 24. ADJ Input Bias Current vs. Temperature
Iout, OUTPUT CURRENT (mA)
TA, AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
98
99
100
101
102
104
105
106
120
100
80
40
20
0
−20
−40
0
200
300
400
125
6.0
ENABLE = 0 V
Iout = 1.0 mA
Iout = 150 mA
4.0
ENABLE = 0.9 V
80
146
40
100
103
Vout = ADJ
Vin = 1.75 V
60
100
122
130
Iout = 1.0 mA
Iout = 150 mA
Vout = 5.0 V
Vout = 1.25 V
140
2.8 V
3.0 V
3.3 V
5.0 V
1.25 V


同様の部品番号 - NCV8560_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
More results

同様の説明 - NCV8560_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com