データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8660B データシート(PDF) 8 Page - ON Semiconductor

部品番号 NCV8660B
部品情報  Very Low Iq LD0 150 mA Regulator Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8660B データシート(HTML) 8 Page - ON Semiconductor

Back Button NCV8660B_18 Datasheet HTML 4Page - ON Semiconductor NCV8660B_18 Datasheet HTML 5Page - ON Semiconductor NCV8660B_18 Datasheet HTML 6Page - ON Semiconductor NCV8660B_18 Datasheet HTML 7Page - ON Semiconductor NCV8660B_18 Datasheet HTML 8Page - ON Semiconductor NCV8660B_18 Datasheet HTML 9Page - ON Semiconductor NCV8660B_18 Datasheet HTML 10Page - ON Semiconductor NCV8660B_18 Datasheet HTML 11Page - ON Semiconductor NCV8660B_18 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCV8660B
www.onsemi.com
8
TYPICAL OPERATING CHARACTERISTICS
Figure 19. Ripple Rejection vs. Frequency
(VIN = 13.2 V, IOUT = 100 mA)
FREQUENCY
Figure 20. Ripple Rejection vs. Frequency
(VIN = 13.2 V, IOUT = 150 mA)
OUTPUT CURRENT (mA)
Figure 21. Output Capacitor ESR vs. Output
Current (OUT = 5 V)
0.01
0.1
1
10
100
1000
10000
125
°C
25
°C
−40
°C
0
20
40
60
120
80
100
140
160
Unstable Region
Vin = 13.2 V
CLOAD = 2.2 mF
Stable Region
0
10
20
30
40
50
60
70
80
10
100
1 k
10 k
100 k
1 M
10 M
FREQUENCY
0
10
20
30
40
50
60
70
80
10
100
1 k
10 k
100 k
1 M
10 M
VIN = 13.2 V
COUT = 4.7 mF
IOUT = 100 mA
VIN = 13.2 V
COUT = 4.7 mF
IOUT = 150 mA
OUTPUT CURRENT (mA)
Figure 22. Output Capacitor ESR vs. Output
Current (OUT = 3.3 V)
0.01
0.1
1
10
100
1000
10000
125
°C
−40
°C
0
20
40
60
120
80
100
140
160
Unstable Region
Vin = 13.2 V
CLOAD = 2.2 mF
Stable Region
Figure 23. Thermal Shutdown vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
150
TEMPERATURE (
°C)
Temperature Decreasing
100
125
175
4.5
5.0
5.5
Temperature Increasing
25
°C


同様の部品番号 - NCV8660B_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

同様の説明 - NCV8660B_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com