データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV47700 データシート(PDF) 10 Page - ON Semiconductor

部品番号 NCV47700
部品情報  5 V to 20 V Adjustable Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47700 データシート(HTML) 10 Page - ON Semiconductor

Back Button NCV47700_17 Datasheet HTML 4Page - ON Semiconductor NCV47700_17 Datasheet HTML 5Page - ON Semiconductor NCV47700_17 Datasheet HTML 6Page - ON Semiconductor NCV47700_17 Datasheet HTML 7Page - ON Semiconductor NCV47700_17 Datasheet HTML 8Page - ON Semiconductor NCV47700_17 Datasheet HTML 9Page - ON Semiconductor NCV47700_17 Datasheet HTML 10Page - ON Semiconductor NCV47700_17 Datasheet HTML 11Page - ON Semiconductor NCV47700_17 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCV47700
www.onsemi.com
10
The output voltage is calculated from the following formula.
Ignoring the bias current into the ADJ pin:
Vout + VREF1 1 )
R
1
R
2
(eq. 2)
Use R2 < 50 k
W to avoid significant voltage output errors
due to ADJ bias current.
Designers should consider the tolerance of R1 and R2 during
the design phase.
Setting the Output Current Limit
The output current limit can be set between 10 mA and
350 mA by external resistor RCSO (see Figure 1). Capacitor
CCSO of 1
mF in parallel with RCSO is required for stability
of current limit control circuitry (see Figure 1).
V
CSO + Iout RCSO
1
100
(eq. 3)
I
LIM +
100
1
2.55
R
CSO
(eq. 4)
R
CSO +
100
1
2.55
I
LIM
(eq. 5)
Where
RCSO
− current limit setting resistor
VCSO
− voltage at CSO pin proportional to Iout
ILIM
− current limit value
Iout
− output current actual value
CSO pin provides information about output current actual
value. The CSO voltage is proportional to output current
according to Equation 3.
Once output current reaches its limit value (ILIM) set by
external resistor RCSO than voltage at CSO pin is typically
2.55 V. Calculations of ILIM or RCSO values can be done
using equations Equation 4 and Equation 5, respectively.
Thermal Considerations
As power in the NCV47700 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and the ambient temperature
affect the rate of junction temperature rise for the part. When
the NCV47700 has good thermal conductivity through the
PCB, the junction temperature will be relatively low with
high power applications. The maximum dissipation the
NCV47700 can handle is given by:
P
D(MAX) +
T
J(MAX) * TA
RqJA
(eq. 6)
Since TJ is not recommended to exceed 150
°C, then the
NCV47700 soldered on 645 mm2, 1 oz copper area, FR4
can dissipate up to 1.8 W (SOIC−8 EP) or 1 W (SOIC−8) and
up to 4.3 W (SOIC−8 EP) or 1.6 W (SOIC−8) for 4 layers
PCB (all layers are 1 oz) when the ambient temperature (TA)
is 25
°C. See Figure 18 for RthJA versus PCB area. The power
dissipated by the NCV47700 can be calculated from the
following equations:
P
D + Vin Iq@Iout ) Iout Vin * Vout
(eq. 7)
or
V
in(MAX) [
P
D(MAX) ) Vout
Iout
Iout ) Iq
(eq. 8)
Hints
Vin and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is
high, there is a chance to pick up noise or cause the regulator
to malfunction. Place external components, especially the
output capacitor, as close as possible to the NCV47700 and
make traces as short as possible.
Figure 18. Thermal Resistance vs. PCB Copper Area
40
60
80
100
120
140
160
180
0
100
200
300
400
500
600
700
COPPER HEAT SPREADER AREA (mm2)
SO−8 EP 4 layers PCB
SO−8 EP single layer PCB
20
200
220
SO−8 single layer PCB
1 oz
2 oz
1 oz
2 oz
1 oz
2 oz
1 oz
2 oz
SO−8 4 layers PCB
ORDERING INFORMATION
Device
Output Voltage
Marking
Package
Shipping
NCV47700PDAJR2G
Adjustable
47700
SOIC−8 EP
(Pb−Free)
2500 / Tape & Reel
NCV47700DAJR2G
Adjustable
47700
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications,including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - NCV47700_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV47700DAJR2G ONSEMI-NCV47700DAJR2G Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47700PDAJR2G ONSEMI-NCV47700PDAJR2G Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results

同様の説明 - NCV47700_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV47701 ONSEMI-NCV47701_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47701 ONSEMI-NCV47701 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
logo
Analog Devices
ADP3367 AD-ADP3367 Datasheet
148Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667 AD-ADP667 Datasheet
135Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ARZ AD-ADP667ARZ Datasheet
132Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com