データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV51460 データシート(PDF) 10 Page - ON Semiconductor

部品番号 NCV51460
部品情報  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51460 データシート(HTML) 10 Page - ON Semiconductor

Back Button NCV51460 Datasheet HTML 3Page - ON Semiconductor NCV51460 Datasheet HTML 4Page - ON Semiconductor NCV51460 Datasheet HTML 5Page - ON Semiconductor NCV51460 Datasheet HTML 6Page - ON Semiconductor NCV51460 Datasheet HTML 7Page - ON Semiconductor NCV51460 Datasheet HTML 8Page - ON Semiconductor NCV51460 Datasheet HTML 9Page - ON Semiconductor NCV51460 Datasheet HTML 10Page - ON Semiconductor NCV51460 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NCV51460
www.onsemi.com
10
The peaks which are visible on the noise spectrum are
reflecting the stability of the NCV51460 device. In the
comparison in Figure 31 it can be noticed that 0
mF and
10
mF cases represents the best stability.
Thermal Characteristics
As power dissipation in the NCV51460 increases, it may
become necessary to provide some thermal relief. The
maximum power dissipation supported by the device is
dependent upon board design and layout. The board material
and the ambient temperature affect the rate of junction
temperature rise for the part. The maximum power
dissipation the NCV51460 can handle is given by:
P
D(MAX) +
[T
J(MAX) * TA]
RqJA
(eq. 1)
Since TJ is not recommended to exceed 100
°C (TJ(MAX)),
then the NCV51460 can dissipate up to 305 mW when the
ambient temperature (TA) is 25
°C.
The power dissipated by the NCV51460 can be calculated
from the following equations:
P
D [ VIN(IQ@IOUT) ) IOUT(VIN * VOUT)
(eq. 2)
or
V
IN(MAX) [
P
D(MAX) ) (VOUT @ IOUT)
I
OUT ) IQ
(eq. 3)
PCB Layout Recommendations
VIN and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is
high, there is a chance to pick up noise and cause the
regulator to malfunction. Place external components,
especially the output capacitor, as close as possible to the
NCV51460, and make traces as short as possible.
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCV51460SN33T1G
JJ
SOT−23
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


同様の部品番号 - NCV51460

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV51400 ONSEMI-NCV51400 Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MWTXG ONSEMI-NCV51400MWTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com