データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8846 データシート(PDF) 40 Page - Active-Semi, Inc

部品番号 ACT8846
部品情報  Advanced PMU for Multi-core Application Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 データシート(HTML) 40 Page - Active-Semi, Inc

Back Button ACT8846_17 Datasheet HTML 36Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 37Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 38Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 39Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 40Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 41Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 42Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 43Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 44Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
40 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
nRSTO
OUT2/4/5/7
40ms
VIN
PWRHLD and PWREN
OUT3/6
2ms
OUT1
2ms
nPBIN
UVLO
CMI 106 Startup with nPBIN
32ms
CMI 106: ACT8846QM106 continued.
Shutdown
The IC can be turned off by pulling nPBIN low through a 50kohm resistor to GA or by deasserting
PWREN and PWRHLD pins low. The IC can also be turned off via I2C.
PWREN
Asserting PWREN high enables the IC. In pushbutton applications, if PWREN is not asserted high before
the nPBIN pin goes high, the IC shuts down. Note that PWREN and PWRHLD must be connected togeth-
er.
nPBIN
nPBIN retains the short and long press functionality described earlier in the datasheet.
NRSTO
nRSTO is gated by OUT6 and OUT7 and has a 40ms delay.
DVS
DVS functionality is only available via I2C.
VSELR/GPIO1/GPIO2
The VSELR/GPIO1/GPIO2 pins are not functional and should be permanently pulled high or low.
GPIO1/2/3/4/5/6
These outputs are off by default but can be enabled via I2C. GPIO3 frequency and duty cycle are 256Hz
and 50%. GPIO4/5/6 frequency and duty cycle are 0.25Hz and 6.25%.
Watchdog
All watchdog functionality is disabled by default.


同様の部品番号 - ACT8846_17

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
More results

同様の説明 - ACT8846_17

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
   Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com