データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT88320QI-T データシート(PDF) 10 Page - Active-Semi, Inc

部品番号 ACT88320QI-T
部品情報  Advanced PMU with Inrush Control and Bypass Switch
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88320QI-T データシート(HTML) 10 Page - Active-Semi, Inc

Back Button ACT88320QI-T Datasheet HTML 6Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 7Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 8Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 9Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 10Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 11Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 12Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 13Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
ACT88320QI-T
Rev 2.0, 20-Dec-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2017 Active-Semi, Inc
10
OVP, INRUSH NMOS SWITCH, ELECTRICAL CHARACTERISITICS
(VIN = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage Range (VIN)
2.7
5.5
V
VIN Input Current
IC Disabled
1
µA
OVGATE Pull-up Current
OVGATE = 0V
10
µA
OVGATE Discharge Resistance
10
Overcurrent Shutdown Threshold
Voltage across current sense resistor
70
85
100
mV
Overcurrent Warning Threshold
Percent of shutdown voltage
72.5
80
87.5
%
Soft-Start Slew Rate
Start up from 0V to 5.0V on OVGATE.
CGate = 1nF
500
µs
Over Current Deglitch Time
Steady state operation
40
µs
Over Current Blanking Time
Blanking time during power up
85
µs
Retry time after Over Current
42
ms
OVSNS POK Threshold (falling)
2.5
V
OVSNS POK Threshold (rising)
2.7
V
OVSNS POK Threshold Hysteresis
100
200
mV
OVSNS OV Threshold (rising)
6
V
OVSNS OV Threshold hysteresis
200
400
mV
Startup Delay
After OVSNS POK to OVGATE rising,
CGate = 1nF
40
µs
Standby Current into OVSNS and OVSNS_M
After OVSNS POK, steady state mode
40
50
µA
VOVGATE Voltage (VOVGATE – VIN)
OVSNS = 3.3V
5.4
V
OVSNS = 5V
8


同様の部品番号 - ACT88320QI-T

メーカー部品番号データシート部品情報
logo
Qorvo, Inc
ACT88321 QORVO-ACT88321 Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU101-T QORVO-ACT88321VU101-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU103-T QORVO-ACT88321VU103-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU104-T QORVO-ACT88321VU104-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU105.E1T QORVO-ACT88321VU105.E1T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
More results

同様の説明 - ACT88320QI-T

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT88326VA ACTIVE-SEMI-ACT88326VA Datasheet
4Mb / 41P
   Advanced PMU with Bypass Switch, & Pushbutton Function
Rev 1.0, 29-May-2018
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Motorola, Inc
MBC13720 MOTOROLA-MBC13720 Datasheet
704Kb / 16P
   Amplifier with Bypass Switch
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
logo
M/A-COM Technology Solu...
MAMF-010614 MA-COM-MAMF-010614 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
MAMF-010614 MA-COM-MAMF-010614_15 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com