データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAC5255 データシート(PDF) 27 Page - Active-Semi, Inc

部品番号 PAC5255
部品情報  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 データシート(HTML) 27 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 23Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 24Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 25Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 26Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 27Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 28Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 29Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 30Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 31Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
PAC5255
Power Application Controller
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Current Sense (CSM Pin)
VDET;CSM
CSM mode detection threshold
Rising, hysteresis = 50mV
0.40
0.55
0.69
V
VHSLIM;CSM
High-side current limit threshold
181kHz, duty = 25%, relative to VP
0.17
0.26
0.35
V
VLSLIM;CSM
Low-side current limit threshold
45kHz, duty = 25%
0.7
1
1.48
V
tBLANK;CSM
Current sense blanking time
200
ns
VPROT;CSM
Low-side abnormal current sense
protection threshold
VP < 4.3V
0.8
VP > 4.3V
1.9
V
Gate Driver Output (DRM Pin)
VOH;DRM
High-level output voltage
IDRM = -20mA
VHM−1.4
V
VOL;DRM
Low-level output voltage
IDRM = 20mA
0.6
V
IOH;DRM
High-level output source current
VDRM = VHM - 5V
-0.1
A
IOL;DRM
Low-level output sink current
VDRM = 5V
0.25
A
tPD;DRM
Strong pull down pulse width
High-side current sense mode
240
ns
- 27 -
Rev 1.10‒March 3, 2018


同様の部品番号 - PAC5255_18

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

同様の説明 - PAC5255_18

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com