データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAC5255 データシート(PDF) 29 Page - Active-Semi, Inc

部品番号 PAC5255
部品情報  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 データシート(HTML) 29 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 25Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 26Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 27Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 28Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 29Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 30Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 31Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 32Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
PAC5255
Power Application Controller
10.5. Typical Performance Characteristics
(VP = 12V and TA = 25°C unless otherwise specified.)
- 29 -
Rev 1.10‒March 3, 2018
0
0.1
0.2
0.3
0.4
0.5
100
90
80
70
60
50
40
30
20
10
0
Buck Mode Efficiency
vs. Output Current
V
IN
= 48V
V
IN
= 24V
Output Current (A)
V
P
= 12V,
f
SW;DRM
= 181kHz
0
0.5
1
1.5
2
2.5
100
90
80
70
60
50
40
30
20
10
0
AC/DC Flyback Mode Efficiency
vs. Output Current
V
AC
= 230V
V
AC
= 120V
Output Current (A)
V
P
= 12V,
f
SW;DRM
= 45kHz
-40
0
40
80
120
80
70
60
50
40
30
20
10
0
DRM Driver Output
On Resistance vs. Temperature
Temperature (°C)
Pull up
Pull down
20
30
40
50
60
50
40
30
20
10
0
Buck Mode Hibernate Input Current
vs. Input Voltage
Input Voltage (V)
90
135
180
225
270
0.30
0.25
0.20
0.15
0.10
0.05
0
AC/DC Flyback Mode Standby Power
vs. Input Voltage
Input Voltage (V
AC
)
V
P
= 12V,
all regulators on
R
STARTUP
= 1MΩ
R
STARTUP
= 2MΩ


同様の部品番号 - PAC5255_18

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

同様の説明 - PAC5255_18

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com