データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S29GL512N データシート(PDF) 30 Page - Cypress Semiconductor

部品番号 S29GL512N
部品情報  512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512N データシート(HTML) 30 Page - Cypress Semiconductor

Back Button S29GL512N Datasheet HTML 26Page - Cypress Semiconductor S29GL512N Datasheet HTML 27Page - Cypress Semiconductor S29GL512N Datasheet HTML 28Page - Cypress Semiconductor S29GL512N Datasheet HTML 29Page - Cypress Semiconductor S29GL512N Datasheet HTML 30Page - Cypress Semiconductor S29GL512N Datasheet HTML 31Page - Cypress Semiconductor S29GL512N Datasheet HTML 32Page - Cypress Semiconductor S29GL512N Datasheet HTML 33Page - Cypress Semiconductor S29GL512N Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Document Number: 002-01522 Rev. *B
Page 30 of 92
S29GL512N
S29GL256N
S29GL128N
SA224
11100000
128/64
1C00000–1C1FFFF
0E00000–0E0FFFF
SA225
11100001
128/64
1C20000–1C3FFFF
0E10000–0E1FFFF
SA226
11100010
128/64
1C40000–1C5FFFF
0E20000–0E2FFFF
SA227
11100011
128/64
1C60000–1C7FFFF
0E30000–0E3FFFF
SA228
11100100
128/64
1C80000–1C9FFFF
0E40000–0E4FFFF
SA229
11100101
128/64
1CA0000–1CBFFFF
0E50000–0E5FFFF
SA230
11100110
128/64
1CC0000–1CDFFFF
0E60000–0E6FFFF
SA231
11100111
128/64
1CE0000–1CFFFFF
0E70000–0E7FFFF
SA232
11101000
128/64
1D00000–1D1FFFF
0E80000–0E8FFFF
SA233
11101001
128/64
1D20000–1D3FFFF
0E90000–0E9FFFF
SA234
11101010
128/64
1D40000–1D5FFFF
0EA0000–0EAFFFF
SA235
11101011
128/64
1D60000–1D7FFFF
0EB0000–0EBFFFF
SA236
11101100
128/64
1D80000–1D9FFFF
0EC0000–0ECFFFF
SA237
11101101
128/64
1DA0000–1DBFFFF
0ED0000–0EDFFFF
SA238
11101110
128/64
1DC0000–1DDFFFF
0EE0000–0EEFFFF
SA239
11101111
128/64
1DE0000–1DFFFFF
0EF0000–0EFFFFF
SA240
11110000
128/64
1E00000–1E1FFFF
0F00000–0F0FFFF
SA241
11110001
128/64
1E20000–1E3FFFF
0F10000–0F1FFFF
SA242
11110010
128/64
1E40000–1E5FFFF
0F20000–0F2FFFF
SA243
11110011
128/64
1E60000–137FFFF
0F30000–0F3FFFF
SA244
11110100
128/64
1E80000–1E9FFFF
0F40000–0F4FFFF
SA245
11110101
128/64
1EA0000–1EBFFFF
0F50000–0F5FFFF
SA246
11110110
128/64
1EC0000–1EDFFFF
0F60000–0F6FFFF
SA247
11110111
128/64
1EE0000–1EFFFFF
0F70000–0F7FFFF
SA248
11111000
128/64
1F00000–1F1FFFF
0F80000–0F8FFFF
SA249
11111001
128/64
1F20000–1F3FFFF
0F90000–0F9FFFF
SA250
11111010
128/64
1F40000–1F5FFFF
0FA0000–0FAFFFF
SA251
11111011
128/64
1F60000–1F7FFFF
0FB0000–0FBFFFF
SA252
11111100
128/64
1F80000–1F9FFFF
0FC0000–0FCFFFF
SA253
11111101
128/64
1FA0000–1FBFFFF
0FD0000–0FDFFFF
SA254
11111110
128/64
1FC0000–1FDFFFF
0FE0000–0FEFFFF
SA255
11111111
128/64
1FE0000–1FFFFFF
0FF0000–0FFFFFF
Sector Address Table–S29GL256N (Sheet 6 of 6)
Sector
A23–A16
Sector Size
(Kbytes/Kwords)
8-bit
Address Range
(in hexadecimal)
16-bit
Address Range
(in hexadecimal)


同様の部品番号 - S29GL512N

メーカー部品番号データシート部品情報
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI020 SPANSION-S29GL512N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

同様の説明 - S29GL512N

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
S29GL01GP CYPRESS-S29GL01GP Datasheet
910Kb / 82P
   1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
logo
SPANSION
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com