データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZFBT-352-FT データシート(PDF) 1 Page - Mini-Circuits

部品番号 ZFBT-352-FT
部品情報  Bias-Tee
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFBT-352-FT データシート(HTML) 1 Page - Mini-Circuits

  ZFBT-352-FT Datasheet HTML 1Page - Mini-Circuits ZFBT-352-FT Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50
Wideband
300 to 3500 MHz
Bias-Tee
Coaxial
Maximum Ratings
Coaxial Connections
RF
in (SMA female)
RF&DC
out (SMA male)
DC
(feed-through pin)
GROUND
GROUND
Electrical Schematic
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
30 dBm max.
Voltage at DC port
30V max.
Input Current
4A
DC resistance from DC to RF&DC port
0.11 ohm typ.
Features
• wideband, 300 to 3500 MHz
• low insertion loss, 0.5 dB typ.
• high DC current, 4A
• feed through terminal per DC port
• good return loss
Applications
• biasing amplifiers
• biasing of laser diodes
• biasing of active antennas
• DC return
• DC blocking
• test accessory
ZFBT-352-FT+
Outline Dimensions (
)
inch
mm
Outline Drawing
CASE STYLE: Y460
Connectors Model
SMA
ZFBT-352-FT+
BRACKET (OPTION “B”)
REV. A
M151107
ZFBT-352-FT+
ED-13235/3
DY/CP/AM
151007
Bias-Tee Electrical Specifications
Typical Performance Data
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
ISOLATION
(RF port to DC port)
(RF&DC port to DC port)
VSWR*
(:1)
f
L
f
U
Typ.
Max.
Typ.
Min.
Typ.
Max.
300
700
0.4
0.9
18
15
1.13
1.4
700
3500
0.5
1.1
23
19
1.10
1.4
*VSWR measured with open and short at DC port.
Freq.
(MHz)
PIN
(dBm)
INSERTION LOSS
(dB)
ISOLATION
(dB)
VSWR
(:1)
DC-RF&DC
0A
4A
300.00
-8.74
0.53
0.59
17.67
1.14
450.00
-8.90
0.54
0.55
19.46
1.12
600.00
-8.81
0.44
0.39
20.53
1.11
700.00
-8.72
0.41
0.35
21.08
1.09
800.00
-8.86
0.60
0.76
21.50
1.09
1000.00
-8.89
0.53
0.49
22.45
1.10
1100.00
-8.97
0.59
0.54
22.94
1.06
1400.00
-9.15
0.46
0.41
24.22
1.08
1500.00
-9.14
0.45
0.40
24.73
1.09
1800.00
-8.85
0.49
0.44
25.97
1.10
1900.00
-8.90
0.50
0.45
26.45
1.10
2100.00
-9.02
0.52
0.47
27.30
1.09
2200.00
-9.11
0.50
0.44
27.68
1.10
2400.00
-9.19
0.52
0.44
27.99
1.09
2500.00
-9.20
0.50
0.45
28.42
1.09
2600.00
-9.27
0.52
0.47
28.46
1.08
2800.00
-9.40
0.56
0.55
28.20
1.06
3000.00
-9.48
0.63
0.63
27.73
1.04
3200.00
-9.50
0.72
0.67
27.24
1.04
3500.00
-9.58
0.82
0.77
26.95
1.12
AB
C
D
E
F
G
H
J
K
1.25
1.25
.75
.63
.36 1.000 1.000
.125
.125
.46
31.75 31.75 19.05 16.00
9.14 25.40 25.40
3.18
3.18 11.68
L
M
NP
Q
RS
T
wt.
2.18 1.688
.06
.750
.50
.80
.45
.29
grams
55.37 42.88 1.524 19.05
12.7 20.32 11.43 7.366
38
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


同様の部品番号 - ZFBT-352-FT

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZFBT-33-75-FT MINI-ZFBT-33-75-FT Datasheet
242Kb / 1P
   Bias-Tee
ZFBT-33W-75-FT MINI-ZFBT-33W-75-FT Datasheet
209Kb / 1P
   Bias-Tee
ZFBT-33W-75-FT++ MINI-ZFBT-33W-75-FT+ Datasheet
209Kb / 1P
   Bias-Tee
More results

同様の説明 - ZFBT-352-FT

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZABT-80W-13 MINI-ZABT-80W-13 Datasheet
212Kb / 2P
   Bias-Tee
TCBT-14 MINI-TCBT-14_16 Datasheet
407Kb / 3P
   Bias Tee
TCBT-14R MINI-TCBT-14R Datasheet
392Kb / 3P
   Bias-Tee
MBT-283 MINI-MBT-283 Datasheet
249Kb / 5P
   Bias-Tee
REV. OR
ZFBT-282-1.5A MINI-ZFBT-282-1.5A Datasheet
236Kb / 2P
   Bias-Tee
PBTC-3G MINI-PBTC-3G Datasheet
197Kb / 2P
   Bias-Tee
Z3BT-2R15G MINI-Z3BT-2R15G Datasheet
556Kb / 3P
   Bias-Tee
TCBT-2R5G MINI-TCBT-2R5G_15 Datasheet
479Kb / 2P
   Bias-Tee
ZX85-40W-63 MINI-ZX85-40W-63 Datasheet
239Kb / 2P
   Bias-Tee
ZFBT-33W-75-FT MINI-ZFBT-33W-75-FT Datasheet
209Kb / 1P
   Bias-Tee
ZFBT-6GW-FT MINI-ZFBT-6GW-FT Datasheet
217Kb / 2P
   Bias-Tee
REV. C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com