データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZFSW2-33HDR-75 データシート(PDF) 2 Page - Mini-Circuits

部品番号 ZFSW2-33HDR-75
部品情報  SPDT RF Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSW2-33HDR-75 データシート(HTML) 2 Page - Mini-Circuits

  ZFSW2-33HDR-75 Datasheet HTML 1Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 2Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 3Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 4Page - Mini-Circuits ZFSW2-33HDR-75 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 5
REV. OR
M162089
ZFSW2-33HDR-75+
RS/TH/CP/AM
170707
Product Features
• High IP3, +70 dBm typ. at 150 MHz
• High Power, P0.1dB 3W
• High Isolation, 41 dB typ. at 1 GHz
• Low insertion loss, 0.5 dB typ. at 1 GHz
• Low current consumption, 37 µA typ.
General Description
ZFSW2-33HDR-75+ is a high power (35 dBm) reflective SPDT switch with integral CMOS driver, operates with
single positive supply voltage while consuming, 37
µA typical. ZFSW2 is a reflective short on output port in
OFF state. It has been designed for very wideband operation of 5-3000 MHz. ZFSW2 uses Type -F Female
connectors for easy integration into 75 ohm test systems.
ZFSW2-33HDR-75+
75
Ω 5-3000 MHz
Simplified Schematic
Reflective RF Switch with internal driver.
Single Supply Voltage, +2.3V to +4.8V, High Power 3W
Typical Applications
• CATV systems
• SATCOM system
• Automated Test Stations
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: QY2363
SPDT RF Switch


同様の部品番号 - ZFSW2-33HDR-75

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZFSW-2-46 MINI-ZFSW-2-46 Datasheet
72Kb / 2P
   SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
ZFSWA-2-46 MINI-ZFSWA-2-46 Datasheet
72Kb / 2P
   SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
ZFSWA2-63DR++ MINI-ZFSWA2-63DR+ Datasheet
198Kb / 1P
   Absorptive SPDT Solid State RF Switch
ZFSWA2R-63DR MINI-ZFSWA2R-63DR Datasheet
310Kb / 5P
   SPDT RF Switch
ZFSWA2R-63DR++ MINI-ZFSWA2R-63DR+ Datasheet
310Kb / 5P
   SPDT RF Switch
More results

同様の説明 - ZFSW2-33HDR-75

メーカー部品番号データシート部品情報
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWH7230 SPECTRUM-TWH7230 Datasheet
39Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com