データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZN8PD-K44 データシート(PDF) 2 Page - Mini-Circuits

部品番号 ZN8PD-K44
部品情報  Power Splitter/Combiner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZN8PD-K44 データシート(HTML) 2 Page - Mini-Circuits

  ZN8PD-K44 Datasheet HTML 1Page - Mini-Circuits ZN8PD-K44 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
ZN8PD-K44+
8 Way-0°
50Ω
10 to 40 GHz
Power Splitter/Combiner
Coaxial
REV. OR
M163046
ZN8PD-K44+
ED17051809
ZL/CP/AM
170727
Electrical Specifications at 25°C
Outline Drawing
Outline Dimensions (
)
inch
mm
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Coaxial Connections
Connectors
Model
2.92mm Fem
ZN8PD-K44+
CASE STYLE: UU2403
A
B
C
D
E
F
G
4.09
1.93
.50
.45
3.200
.09
.095
103.89
49.02
12.70
11.43
81.28
2.29
2.41
H
J
K
L
M
N
wt
2.05
.25
.512
--
--
--
grams
52.07
6.35
13.00
--
--
--
130
Typical Performance Data
1. Total Loss = Insertion Loss + 9dB splitter loss.
9
10
11
12
13
10000
15000
20000
25000
30000
35000
40000
FREQUENCY (MHz)
ZN8PD-K44+
TOTAL LOSS
S-1(dB)
S-8(dB)
SUM PORT
S
PORT 1,2,3,4,5,6,7,8
1,2,3,4,5,6,7,8
Electrical Schematic
10000
9.98
9.97 10.00 10.00
9.99
9.97
0.05
25.44
24.30
23.53
25.26
3.17
1.08
1.34
1.34
12000
10.05
10.06 10.07 10.05 10.07 10.02
0.06
24.00
28.17
23.13
30.06
3.72
1.07
1.15
1.14
14000
10.24
10.23 10.23 10.26 10.25 10.20
0.07
23.58
31.88
23.60
31.39
4.09
1.28
1.34
1.34
16000
10.28
10.29 10.31 10.29 10.35 10.25
0.09
24.01
24.89
22.84
24.94
4.55
1.09
1.20
1.14
18000
10.45
10.48 10.42 10.42 10.43 10.36
0.11
21.50
31.43
20.41
32.11
5.35
1.13
1.03
1.09
20000
10.57
10.58 10.62 10.59 10.55 10.50
0.12
26.55
25.75
23.90
26.16
5.69
1.24
1.19
1.16
22000
10.63
10.67 10.65 10.60 10.66 10.55
0.11
25.54
33.74
22.82
35.44
6.46
1.21
1.29
1.32
24000
10.70
10.72 10.69 10.74
10.72 10.62
0.14
32.98
29.91
29.48
29.92
6.60
1.12
1.13
1.12
26000
10.90
10.91 10.93 10.88 10.85 10.75
0.17
33.56
35.87
39.01
37.19
7.01
1.23
1.28
1.28
28000
10.97
11.02 10.96 10.94 10.92 10.83
0.18
27.79
25.73
26.84
25.93
7.88
1.17
1.01
1.05
30000
11.05
11.09 11.11
11.06 11.01 10.89
0.21
23.68
30.96
23.23
31.88
8.23
1.05
1.18
1.21
32000
11.18
11.23 11.16
11.13
11.15 11.03
0.20
22.44
32.83
22.01
34.62
8.75
1.10
1.27
1.22
36000
11.39
11.41 11.45 11.33 11.37 11.25
0.20
37.01
30.55
34.21
29.76
9.87
1.10
1.41
1.37
38000
11.61
11.67 11.63 11.58 11.57 11.40
0.27
28.05
28.93
27.73
29.86
10.27
1.27
1.22
1.22
40000
11.76
11.80 11.73
11.70
11.71 11.54
0.26
22.23
39.95
22.75
39.45
11.18
1.33
1.38
1.35
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unb.
(dB)
Isolation
(dB)
Phase
Unb.
(deg.)
VSWR
S
VSWR
1
VSWR
8
S-1
S-2 S-3 S-4 S-6 S-8
1-2
2-3
3-4
6-7
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
10
40
GHz
Insertion Loss (above theoretical 9.0 dB)
10 - 40
2.5
3.6
dB
Isolation
10 - 40
15
20
dB
Phase Unbalance
10 - 40
8
12
Degree
Amplitude Unbalance
10 - 40
0.4
1.2
dB
VSWR (Port S)
10 - 40
1.43
1.7
:1
VSWR Output (Port 1-8)
10 - 40
1.5
1.7
:1
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
20W max.
Internal Dissipation
0.875W max.
Features
• wideband, 10 to 40 GHz
• low insertion loss, 2 dB typ.
• low amplitude unbalance, 0.4 dB typ.
• low phase unbalance, 5.0 deg. typ.
• high isolation, 20 dB typ.
Applications
• 5G
• test equipment
• test lab
• broadband high power combining
20
30
40
50
10000
15000
20000
25000
30000
35000
40000
FREQUENCY (MHz)
ZN8PD-K44+
ISOLATION
1-2(dB)
2-3(dB)
6-7(dB)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
10000
15000
20000
25000
30000
35000
40000
FREQUENCY (MHz)
ZN8PD-K44+
VSWR
#S-VSWR
#1-VSWR
Permanent damage may occur if any of these limits are exceeded.


同様の部品番号 - ZN8PD-K44

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZN8PD-02183 MINI-ZN8PD-02183 Datasheet
287Kb / 2P
   Power Splitter/Combiner
ZN8PD-02183++ MINI-ZN8PD-02183+ Datasheet
287Kb / 2P
   Power Splitter/Combiner
ZN8PD-02183-S++ MINI-ZN8PD-02183-S+ Datasheet
287Kb / 2P
   Power Splitter/Combiner
ZN8PD-113 MINI-ZN8PD-113 Datasheet
244Kb / 1P
   Power Splitter/Combiner
ZN8PD-113++ MINI-ZN8PD-113+ Datasheet
244Kb / 1P
   Power Splitter/Combiner
More results

同様の説明 - ZN8PD-K44

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com