データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG86A データシート(PDF) 4 Page - ON Semiconductor

部品番号 NBSG86A
部品情報  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86A データシート(HTML) 4 Page - ON Semiconductor

  NBSG86A Datasheet HTML 1Page - ON Semiconductor NBSG86A Datasheet HTML 2Page - ON Semiconductor NBSG86A Datasheet HTML 3Page - ON Semiconductor NBSG86A Datasheet HTML 4Page - ON Semiconductor NBSG86A Datasheet HTML 5Page - ON Semiconductor NBSG86A Datasheet HTML 6Page - ON Semiconductor NBSG86A Datasheet HTML 7Page - ON Semiconductor NBSG86A Datasheet HTML 8Page - ON Semiconductor NBSG86A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NBSG86A
http://onsemi.com
4
Figure 5. Configuration for OR/NOR Function
Table 4. OR/NOR TRUTH TABLE**
0
0
1
1
D0
m
1
1
1
1
D1
b
0
1
0
1
SEL
m or b
0
1
1
1
Q
Q
SEL
VTD0
Q
SEL
VTD0
50
W
50
W
VTD1
VTD1
50
W
50
W
50
W
50
W
VTSEL
VCC
VT or VBB
b
m
D0
D0
D1
D1
** D0, D1, SEL are inverse of D0, D1, SEL unless specified
otherwise.
Q
SEL
VTD0
Q
SEL
VTD0
50
W
50
W
VTD1
VTD1
50
W
50
W
50
W
50
W
VTSEL
b
m
D0
D0
D1
D1
Figure 6. Configuration for XOR/XNOR Function
1
0
0
D1
0
1
0
1
SEL
m XOR b
0
1
1
0
Q
Table 5. XOR/XNOR TRUTH TABLE**
0
0
1
1
D0
m
1
b
** D0, D1, SEL are inverse of D0, D1, SEL unless specified
otherwise.
D0
Q
SEL
VTD0
Q
SEL
VTD0
50
W
50
W
D0
D1
VTD1
VTD1
50
W
50
W
D1
50
W
50
W
VTSEL
Figure 7. Configuration for 2:1 MUX Function
D1
D0
Q
Table 6. 2:1 MUX TRUTH TABLE**
1
0
SEL
** D0, D1, SEL are inverse of D0, D1, SEL unless specified
otherwise.


同様の部品番号 - NBSG86A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A Datasheet
109Kb / 20P
   Evaluation Board Manual
March, 2003 - Rev. 0
NBSG86A ONSEMI-NBSG86A Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
More results

同様の説明 - NBSG86A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com