データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM16706F データシート(PDF) 9 Page - SamHop Microelectronics Corp.

部品番号 SM16706F
部品情報  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706F データシート(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button SM16706F Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 12Page - SamHop Microelectronics Corp. SM16706F Datasheet HTML 13Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TIMING WAVEFORM
1. CLOCK, SERIAL-IN, SERIAL-OUT, OUTn
90%
50%
10%
90%
50%
10%
90%
50%
10%
90%
50%
10%
tpLH
tpHL
tsetup(D)
thold(D)
tr
tf
tw CLK
50%
50%
50%
CLOCK
SERIAL-IN
SERIAL-OUT,
OUTn (current)
tor
tof
tw CLK
2. CLOCK-LATCH
3. ENABLE-OUTn
Page 9
V2.0 MAY,2003
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
50%
50%
"L" level = DATA HOLD
tsetup(L)
50%
CLOCK
SERIAL-IN
LATCH
tpLH
tpHL
50%
50%
50%
50%
ENABLE
OUTn (Current)
50%
tW LAT
tw EN


同様の部品番号 - SM16706F

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

同様の説明 - SM16706F

メーカー部品番号データシート部品情報
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com