データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC33725 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 BC33725
部品情報  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC33725 データシート(HTML) 2 Page - Fairchild Semiconductor

  BC33725 Datasheet HTML 1Page - Fairchild Semiconductor BC33725 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Em itter Breakdown
Voltage
IC = 10 m A, IB = 0
45
V
V(BR)CES
Collector-Base Breakdown Voltage
IC = 100
µA, IE = 0
50
V
V(BR)EBO
Em itter-Base Breakdown Voltage
IE = 100
µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 20 V, IE = 0, TA = +25
°C
VCB = 20 V, IE = 0, TA = +150
°C
100
5.0
nA
µA
IEBO
Em itter Cutoff Current
VEB = 5.0 V, IC = 0
10
µA
ON CHARACTERISTICS
hFE
DC Current Gain
VCE = 1.0 V, IC = 100 mA
337-16
337-25
VCE = 1.0 V, IC = 500 mA
100
160
40
250
400
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 500 mA, IB = 50 mA
0.7
V
VBE(on)
Base-Emitter On Voltage
VCE = 1.0 V, IC = 500 mA
1.2
V


同様の部品番号 - BC33725

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BC33725 FAIRCHILD-BC33725 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC33725BU FAIRCHILD-BC33725BU Datasheet
304Kb / 6P
   NPN Epitaxial Silicon Transistor
BC33725BU FAIRCHILD-BC33725BU Datasheet
190Kb / 5P
   BC337 / BC338 NPN Epitaxial Silicon Transistor
September 2015
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
304Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

同様の説明 - BC33725

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com