データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1522 データシート(PDF) 6 Page - Gennum Corporation

部品番号 GS1522
部品情報  HDTV Serial Digital Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1522 データシート(HTML) 6 Page - Gennum Corporation

Back Button GS1522 Datasheet HTML 2Page - Gennum Corporation GS1522 Datasheet HTML 3Page - Gennum Corporation GS1522 Datasheet HTML 4Page - Gennum Corporation GS1522 Datasheet HTML 5Page - Gennum Corporation GS1522 Datasheet HTML 6Page - Gennum Corporation GS1522 Datasheet HTML 7Page - Gennum Corporation GS1522 Datasheet HTML 8Page - Gennum Corporation GS1522 Datasheet HTML 9Page - Gennum Corporation GS1522 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GENNUM CORPORATION
522 - 26 - 00
6
58
RSET0
Analog
Input
Control Signal Input. External resistor is used to set the data
output amplitude for SDO0 and SDO0. Use a ±1% resistor.
63
A0
TTL
TEST
Test Signal. Used for manufacturing test purposes only. This pin
must be tied low for normal operation.
64
OSC_VEE
Power
Input
Negative Supply. Ground for ring oscillator. This pin must be
floating for normal operation.
74
VCO
Analog
Input
Control Signal Input. Input pin is AC coupled to ground using a
50
Ω transmission line.
75
VCO
Analog
Input
Control Signal Input. Voltage controlled oscillator input. This pin is
connected to the output pin of the GO1515 VCO. This pin must be
connected to the GO1515 VCO output pin via a 50
Ω transmission
line.
76
PD_VEE
Power
Input
Negative Supply. Most negative power supply connection. For
phase detector stage.
77
PDSUB_VEE
Power
Input
Guard Ring. Ground guard ring connection to isolate phase
detector in PLL stage.
78
IJI
Analog
Output
Status Signal Output. Indicates the amount of excessive jitter on
the incoming SDI and SDI input.
79
PD_VCC
Power
Input
Positive Supply. Most positive power supply connection. For
phase detector stage.
82, 84
LFS, LFS
Analog
Input
Loop Filter Connections.
85, 87
PLCAP, PLCAP
Analog
Input
Control Signal Input. Phase lock detect time constant capacitor.
86
DM
Test Signal. Used for manufacturing test only. This pin must be
left floating in normal operation.
88
DFT_VEE
Power
Input
Most Negative Power Supply Connection . Enables the jitter
demodulator functionality. This pin should be connected to
ground. If left floating, the DM function is disabled resulting in a
current saving of 340µA.
89
LFA_VEE
Power
Input
Negative Supply. Most negative power supply connection. For
loop filter stage.
90
LFA
Analog
Output
Control Signal Output. Control voltage for GO1515 VCO.
91
LBCONT
Analog
Input
Control Signal Input. Used to provide electronic control of Loop
Bandwidth.
92
LFA_VCC
Power
Input
Positive Supply. Most positive power supply connection. For loop
filter stage.
94
VCC3
Power
Input
Positive Supply. Most positive power supply connection. For input
stage.
96
SYNC_DETECT_DISABLE
TTL
Input
Control Signal Input. Used to disable the sync detection function.
Logic HIGH disables sync detection. Logic LOW: 000-003 is
mapped into 000 and 3FC-3FF is mapped into 3FF for 8-bit
operation.
103, 104, 105,
106, 107, 110,
111, 112, 113,
114, 115, 118,
119, 122, 123,
124, 125, 126,
127, 128
DATA_IN[19:0]
TTL
Input
Input Data Bus. The device receives a 20 bits data stream running
at 74.25 or 74.25/1.001 MHz from the GS1501 HDTV Formatter or
GS1511 HDTV Formatter. Input data can be in SMPTE292M
scrambled or unscrambled format. DATA_IN[19] is the MSB (pin
103). DATA_IN[0] is the LSB (pin 128).
PIN DESCRIPTIONS (Continued)
NUMBER
SYMBOL
LEVEL
TYPE
DESCRIPTION


同様の部品番号 - GS1522

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQR GENNUM-GS1522-CQR Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQRE3 GENNUM-GS1522-CQRE3 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results

同様の説明 - GS1522

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com