データシートサーチシステム |
|
SA06-24-12 データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SA06-24-12 データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page Encapsulated DC-DC Converter SA06 SERIES 6 Watts http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319 -1- ELECTRICAL SPECIFICATIONS Model No. SA 06-24-3.3S SA 06-24-5S SA 06-24-12S SA 06-24-15S SA 06-24-24S Max. output wattage (W) 5W 6W 6W 6W 6W Input voltage (V.DC.) 24V (18-36V) 24V (18-36V) 24V (18-36V) 24V (18-36V) 24V (18-36V) Output voltage (V.DC.) 3.3V / 1500mA 5V / 1200mA 12V / 500mA 15V / 400mA 24V / 250mA Model No. SA 06-24-3.3S SA 06-24-5S SA 06-24-12S SA 06-24-15S SA 06-24-24S Max output wattage (W) 5W 6W 6W 6W 6W Input Input filter π type Voltage (V.DC.) 3.3 5 12 15 24 Voltage accuracy ±2% ±2% ±2% ±2% ±2% Current (mA) max 1500 1200 500 400 250 Line regulation (HL-LL) (typ.) ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% Load regulation (10-100%) (typ.) ±1% ±1% ±1% ±1% ±1% Ripple <0.2% Vout +20mV max (Vp-p) Noise <0.5% Vout +50mV max (Vp-p) Efficiency 76% 79% 82% 82% 83% Output Switching frequency 125KHz 125KHz 125KHz 125KHz 125KHz Over current protection Works over 120% of rating and recovers automatically. Over voltage protection Zener diode clamp Protection Short circuit protection Current limit, auto-recovery Voltage 1600 VDC. Resistance 10 9 ohms Isolation Capacitance 1000 pF Operating temperature -25°C…+71°C Storage temperature -55°C…+105°C Case temperature +95°C max. Temperature coefficient ±0.02% Per°C Humidity 95%RH Environment MTBF >800,000 h @ 25°C (MIL-HDBK-217F) Dimension (L x W x H) 2.0 x 1.0 x 0.55 Inches (50.8 x 25.4x 14 mm) Case Material Six-side shielded Aluminum with Non-Conductive base Weight 25 g Physical Cooling method Free-air convection All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated. KEY FEATURES Power Modules for PCB Mounting Regulated Output Low Ripple and Noise 2-Year Product Warranty |
同様の部品番号 - SA06-24-12 |
|
同様の説明 - SA06-24-12 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |