データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB104V03-A1 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 LB104V03-A1
部品情報  Liquid Crystal Display
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LB104V03-A1 データシート(HTML) 8 Page - NXP Semiconductors

Back Button LB104V03-A1 Datasheet HTML 4Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 5Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 6Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 7Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 8Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 9Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 10Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 11Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Product Specification
8 / 24
LB104V03
Liquid Crystal Display
Ver. 1.1
Oct. 10, 2003
Blue Data
B4
28
Blue Data
B3
27
Blue Data
B2
26
Blue Data
B1
25
Ground
GND
23
Green Data
G5
22
Green Data
G4
21
Green Data
G3
20
Green Data
G2
19
Green Data
G1
18
Green Data
G0
17
Ground
GND
16
Red Data
R5
15
Red Data
R4
14
Blue Data
B5
29
Blue Data
B0
24
Red Data
R3
13
Red Data
R2
12
Red Data
R1
11
Red Data
R0
10
Ground
GND
9
Power (3.3V)
VCC
2
Power (3.3V)
VCC
3
Ground
GND
4
Data Clock
DCLK
5
Data Enable
DTMG
6
Vertical sync
VSYNC
7
Horizontal sync
HSYNC
8
Ground
GND
30
Notes
Description
Symbol
Pin
GND
Ground
1
Red data least significant bit (LSB)
Red data most significant bit (MSB)
Green data least significant bit (LSB)
Green data most significant bit (MSB)
Blue data most significant bit (MSB)
Blue data least significant bit (LSB)
[ I/F PIN ARRANGEMENT ]
Rear View
PWB
1
30
The backlight interface connector is a model BHSR-02VS-1, manufactured by JST. The mating connector
part number is SM02B-BHSS-1 or equivalent.
Pin
1
Symbol
Notes
HV
Description
High Voltage (Pink color)
Low Voltage (white color)
2
LV
-
-
Pleas refer to page 19, for detail


同様の部品番号 - LB104V03-A1

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
LB10 GULFSEMI-LB10 Datasheet
96Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

同様の説明 - LB104V03-A1

メーカー部品番号データシート部品情報
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com