データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1087 データシート(PDF) 5 Page - Analog Devices

部品番号 ADM1087
部品情報  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1087 データシート(HTML) 5 Page - Analog Devices

  ADM1087 Datasheet HTML 1Page - Analog Devices ADM1087 Datasheet HTML 2Page - Analog Devices ADM1087 Datasheet HTML 3Page - Analog Devices ADM1087 Datasheet HTML 4Page - Analog Devices ADM1087 Datasheet HTML 5Page - Analog Devices ADM1087 Datasheet HTML 6Page - Analog Devices ADM1087 Datasheet HTML 7Page - Analog Devices ADM1087 Datasheet HTML 8Page - Analog Devices ADM1087 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ENIN/ENIN
1
GND
2
VIN 3
VCC
6
CEXT
5
ENOUT/ENOUT
4
ADM1085/
ADM1086/
ADM1087/
ADM1088
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ENIN, ENIN
Enable Input. Controls the status of the enable output. Active high for ADM1085/ADM1086. Active low for
ADM1087/ADM1088.
2
GND
Ground.
3
VIN
Input for the Monitored Voltage Signal. Can be biased via a voltage divider resistor network to customize the
effective input threshold. Can precisely monitor an analog power supply output signal and detect when it has
powered up. The voltage applied at this pin is compared with a 0.6 V on-chip reference. With this reference,
digital signals with various logic-level thresholds can also be detected.
4
ENOUT, ENOUT
Enable Output. Asserted when the voltage at VIN is above VTH_RISING and the time delay has elapsed, provided
that the enable input is asserted. Active high for the ADM1085/ADM1086. Active low for the
ADM1087/ADM1088.
5
CEXT
External Capacitor Pin. The capacitance on this pin determines the time delay on the enable output. The delay
is seen only when the voltage at VIN rises past VTH_RISING, and not when it falls below VTH_FALLING.
6
VCC
Power Supply.


同様の部品番号 - ADM1087

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1087AKS-REEL7 AD-ADM1087AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM1087AKSZ-REEL7 AD-ADM1087AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

同様の説明 - ADM1087

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com