データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1088 データシート(PDF) 1 Page - Analog Devices

部品番号 ADM1088
部品情報  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1088 データシート(HTML) 1 Page - Analog Devices

  ADM1088 Datasheet HTML 1Page - Analog Devices ADM1088 Datasheet HTML 2Page - Analog Devices ADM1088 Datasheet HTML 3Page - Analog Devices ADM1088 Datasheet HTML 4Page - Analog Devices ADM1088 Datasheet HTML 5Page - Analog Devices ADM1088 Datasheet HTML 6Page - Analog Devices ADM1088 Datasheet HTML 7Page - Analog Devices ADM1088 Datasheet HTML 8Page - Analog Devices ADM1088 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Simple Sequencersin 6-Lead SC70
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Provide programmable time delays between enable
signals
Can be cascaded with power modules for multiple
supply sequencing
Power supply monitoring from 0.6 V
Output stages:
High voltage (up to 22 V) open-drain output
(ADM1085/ADM1087)
Push-pull output (ADM1086/ADM1088)
Capacitor-adjustable time delays
High voltage (up to 22 V) Enable and VIN inputs
Low power consumption (15 µA)
Specified over –40°C to +125°C temperature range
6-lead SC70 package
APPLICATIONS
Desktop/notebook computers, servers
Low power portable equipment
Routers
Base stations
Line cards
Graphics cards
FUNCTIONAL BLOCK DIAGRAMS
CAPACITOR
ADJUSTABLE
DELAY
0.6V
ADM1085/ADM1086
VIN
ENOUT
ENIN
CEXT
VCC
GND
CAPACITOR
ADJUSTABLE
DELAY
0.6V
ADM1087/ADM1088
VIN
ENOUT
ENIN
CEXT
VCC
GND
Figure 1.
GENERAL DESCRIPTION
The ADM1085/ADM1086/ADM1087/ADM1088 are simple
sequencing circuits that provide a time delay between the
enabling of voltage regulators and/or dc-dc converters at power-
up in multiple supply systems. When the output voltage of the
first power module reaches a preset threshold, a time delay is
initiated before an enable signal allows subsequent regulators to
power up. Any number of these devices can be cascaded with
regulators to allow sequencing of multiple power supplies.
Threshold levels can be set with a pair of external resistors in a
voltage divider configuration. By choosing appropriate resistor
values, the threshold can be adjusted to monitor voltages as low
as 0.6 V.
The ADM1086 and ADM1088 have push-pull output stages,
with active-high (ENOUT) and active-low (ENOUT) logic
outputs, respectively. The ADM1085 has an active-high
(ENOUT) logic output; the ADM1087 has an active-low
(ENOUT) output. Both the ADM1085 and ADM1087 have
open-drain output stages that can be pulled up to voltage levels
as high as 22 V through an external resistor. This level-shifting
property ensures compatibility with enable input logic levels of
different regulators and converters.
All four models have a dedicated enable input pin that allows
the output signal to the regulator to be controlled externally.
This is an active-high input (ENIN) for the ADM1085 and
ADM1086, and an active-low input (ENIN) for the ADM1087
and ADM1088.
The simple sequencers are specified over the extended −40°C to
+125°C temperature range. With low current consumption of 15
µA (typ) and 6-lead SC70 packaging, the parts are suitable for
low-power portable applications.
Table 1. Selection Table
Output Stage
Part No.
Enable Input
ENOUT
ENOUT
ADM1085
ENIN
Open-Drain
ADM1086
ENIN
Push-Pull
ADM1087
ENIN
Open-Drain
ADM1088
ENIN
Push-Pull


同様の部品番号 - ADM1088

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1088AKS-REEL7 AD-ADM1088AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM1088AKSZ-REEL7 AD-ADM1088AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

同様の説明 - ADM1088

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com