データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1086AKS-REEL7 データシート(PDF) 11 Page - Analog Devices

部品番号 ADM1086AKS-REEL7
部品情報  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1086AKS-REEL7 データシート(HTML) 11 Page - Analog Devices

Back Button ADM1086AKS-REEL7 Datasheet HTML 7Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 8Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 9Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 10Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 11Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 12Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 13Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 14Page - Analog Devices ADM1086AKS-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0 | Page 11 of 16
APPLICATION INFORMATION
SEQUENCING CIRCUITS
The ADM1085/ADM1086/ADM1087/ADM1088 are
compatible with voltage regulators and dc-to-dc converters that
have active-high or active-low enable or shutdown inputs, with
a choice of open-drain or push-pull output stages. Figure 23 to
Figure 25 illustrate how each of the ADM1085/ADM1086/
ADM1087/ADM1088 simple sequencers can be used in
multiple-supply systems, depending on which regulators are
used and which output stage is preferred.
In Figure 23, three ADM1085s are used to sequence four
supplies on power-up. Separate capacitors on the CEXT pins
determine the time delays between enabling of the 3.3 V, 2.5 V,
1.8 V, and 1.2 V supplies. Because the dc/dc converters and
ADM1085s are connected in cascade, and the output of any
converter is dependent on that of the previous one, an external
controller can disable all four supplies simultaneously by
disabling the first dc/dc converter in the chain.
For power-down sequencing, an external controller dictates
when the supplies are switched off by accessing the ENIN
inputs individually.
3.3V
DC/DC
IN
OUT
EN
ADM1085
VCC
ENOUT
3.3V
ENIN
CEXT
VIN
3.3V
2.5V
DC/DC
IN
OUT
EN
ADM1085
VCC
ENOUT
3.3V
ENIN
CEXT
VIN
3.3V
1.8V
DC/DC
IN
OUT
EN
ADM1085
VCC
ENOUT
3.3V
ENIN
CEXT
VIN
3.3V
1.2V
DC/DC
IN
OUT
EN
ENABLE
CONTROL
12V
tEN1
tEN2
tEN3
EXTERNAL
DISABLE
12V
3.3V
2.5V
1.8V
1.2V
Figure 23. Typical ADM1085 Application Circuit


同様の部品番号 - ADM1086AKS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1086AKS-REEL7 AD-ADM1086AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

同様の説明 - ADM1086AKS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com