データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APA4838 データシート(PDF) 3 Page - Anpec Electronics Coropration

部品番号 APA4838
部品情報  Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4838 データシート(HTML) 3 Page - Anpec Electronics Coropration

  APA4838 Datasheet HTML 1Page - Anpec Electronics Coropration APA4838 Datasheet HTML 2Page - Anpec Electronics Coropration APA4838 Datasheet HTML 3Page - Anpec Electronics Coropration APA4838 Datasheet HTML 4Page - Anpec Electronics Coropration APA4838 Datasheet HTML 5Page - Anpec Electronics Coropration APA4838 Datasheet HTML 6Page - Anpec Electronics Coropration APA4838 Datasheet HTML 7Page - Anpec Electronics Coropration APA4838 Datasheet HTML 8Page - Anpec Electronics Coropration APA4838 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Apr., 2003
APA4838
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
-0.3 to 6
V
V
IN
Input Voltage Range, HP sense, Shutdown,
Mute, Mode, Gain Select
-0.3 to V
DD+0.3
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
Internally Limited*1
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-2000 to 2000*2
V
P
D
Power Dissipation
Internally Limited
W
Note:
1.APA4838 integrated internal thermal shutdown protection when junction temperature ramp up to 150°C
2.Human body model: C=100pF, R=1500
Ω, 3 positives pulse plus 3 negative pulses
3.Machine model: C=200pF, L=0.5
µF, 3 positive pulses plus 3 negative pulses
Recommended Operating Conditions
Min.
Max.
Unit
Supply Voltage, V
DD
4.5
5.5
V
Shutdown, Mute, Mode, Gain Select
2
High level threshold voltage, V
IH
HP Sense
4
V
Shutdown, Mute, Mode, Gain Select
1.0
Low level threshold voltage, V
IL
HP Sense
3
V
Common mode input voltage, V
ICM
V
DD-1.0
V
Thermal Characteristics
Symbol
Parameter
Value
Unit
R
THJA
Thermal Resistance from Junction to Ambient in Free Air
TSSOP-P*
45
K/W
* 5 in2 printed circuit board with 2oz trace and copper pad through 9 25mil diameter vias.
The thermal pad on the TSSOP_P package with solder on the printed circuit board.
(Over operating free-air temperature range unless otherwise noted.)
Absolute Maximum Ratings


同様の部品番号 - APA4838

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TR ANPEC-APA4835RI-TR Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TU ANPEC-APA4835RI-TU Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results

同様の説明 - APA4838

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com