データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74017 データシート(PDF) 7 Page - Skyworks Solutions Inc.

部品番号 74017
部品情報  On the Direct Conversion Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

74017 データシート(HTML) 7 Page - Skyworks Solutions Inc.

Back Button 74017 Datasheet HTML 2Page - Skyworks Solutions Inc. 74017 Datasheet HTML 3Page - Skyworks Solutions Inc. 74017 Datasheet HTML 4Page - Skyworks Solutions Inc. 74017 Datasheet HTML 5Page - Skyworks Solutions Inc. 74017 Datasheet HTML 6Page - Skyworks Solutions Inc. 74017 Datasheet HTML 7Page - Skyworks Solutions Inc. 74017 Datasheet HTML 8Page - Skyworks Solutions Inc. 74017 Datasheet HTML 9Page - Skyworks Solutions Inc. 74017 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
On the Direct Conversion Receiver
CX74017
101735A
Skyworks Solutions, Inc., Proprietary and Confidential
7
July 20, 2001
Preliminary Data Subject to Change
It can be seen from these equations and in Figure 13 that the
DC component due to the second order non-linearity is growing
with twice the slope of the fundamental on a logarithmic scale.
At the intercept point,
IIP2
a
a
A
A
a
A
a
=
=
=
2
1
1
2
2
2
2
Due to the doubled slope of the second-order product,
IM2
Pout
with
Pin
IIP2
=
+
=
Noise
Low frequency noise becomes a great concern in DCR [14], as
significant gain is allocated to baseband stages after the mixer.
Weak baseband signal levels of a few millivolts are still very
vulnerable to noise. This requires stronger RF stage gain to
alleviate the poor noise figure of baseband blocks, but of course
this must be traded against the linearity problems, just
described, that accompany higher RF gain.
Flicker noise, that is, 1/f noise, is the major baseband noise
contributor. Associated with DC flow, it has a spectral response
proportional to 1/f. In RF circuits, 1/f noise tends to be
modulated onto the RF signal. In the case of a mixer with
baseband output, 1/f noise sees especially high conversion gain.
In practice, flicker noise becomes an issue for Metal Oxide
Semiconductor (MOS) devices more than bipolar, and is
modeled as a voltage source in series with the gate. 1/f noise
complicates the use of MOS transistors for RF circuits, since the
main method of reducing it in MOS is to increase the transistor’s
size, which increases the device capacitance. This adversely
affects RF gain. For this reason, it is preferable to use bipolar
transistors for DCR mixer designs. In the first baseband stages
after the mixer, it becomes possible to use MOS devices, as the
transistor-size tradeoff is feasible at low frequencies.
I/Q mismatches
Due to the high frequency of the LO, it is not possible to
implement the IQ demodulator digitally. An analog IQ
demodulator exhibits gain and phase imbalances between the
two branches, as well as the introduction of DC offsets. Such
imperfections distort the recovered constellation. Assuming
ϕ
α, being the amplitude and phase mismatch respectively
between the demodulator quadrature ports, and the complex
signal incident upon it having in-phase and quadrature
components I and Q:
()
() (
)
)
sin(
1
2
)
sin(
)
cos(
)
cos(
2
)
sin(
)
cos(
ϕ
ω
α
ω
ω
ω
ω
ω
+
+
+
=
+
=
t
t
Q
t
I
Qout
t
t
Q
t
I
Iout
Filtering out the high frequency terms:
()(
))
cos(
)
sin(
1
ϕ
ϕ
α
Q
I
Qout
I
Iout
+
+
=
=
101735A 13_071801
1
2
1
1
Pin
Pout
fu
nd
am
en
tal
IP2
IIP2
OIP2
IP3
1
3
1
2
1
1
Pin
Pout
fu
nd
am
en
tal
IP2
IIP2
+49dBm
OIP2
Pin
Pout
Figure 13. Second Order Intercept Point (IP2)


同様の部品番号 - 74017

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
74017 OKI-74017 Datasheet
405Kb / 12P
   MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
More results

同様の説明 - 74017

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Linear Technology
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com